Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH1390 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH1390
Description  ULTRA SENSITIVE DUAL OUTPUT UNIPOLAR HALL EFFECT SWITCH
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH1390 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH1390 Datasheet HTML 1Page - Diodes Incorporated AH1390 Datasheet HTML 2Page - Diodes Incorporated AH1390 Datasheet HTML 3Page - Diodes Incorporated AH1390 Datasheet HTML 4Page - Diodes Incorporated AH1390 Datasheet HTML 5Page - Diodes Incorporated AH1390 Datasheet HTML 6Page - Diodes Incorporated AH1390 Datasheet HTML 7Page - Diodes Incorporated AH1390 Datasheet HTML 8Page - Diodes Incorporated AH1390 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AH1390
Document number: DS42181 Rev. 3 - 2
4 of 9
www.diodes.com
October 2019
© Diodes Incorporated
AH1390
Magnetic Characteristics (Notes 8 and 9) (TA = +25°C, VDD = 1.85V, unless otherwise specified.)
Standard convention for representing the direction of magnetic field strength and flux density by positive and negative signs is as follows:
Magnetic field and flux density from South Pole magnet to the part marking surface of the sensor is positive. Magnetic field and flux density from
the North Pole magnet to the part marking surface is negative field. The positive and negative signs in below graph and table follow this standard
convention.
(1mT=10 Gauss)
Symbol
Characteristics
Test Condition
Min
Typ
Max
Unit
BOPS (South Pole to Part Marking Side)
Output2
Output2 Operation Point
VDD = 1.85V
TA = +25°C
8
17
24
Gauss
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
6
17
25
BOPN (North Pole to Part Marking Side)
Output1
Output1 Operation Point
VDD = 1.85V
TA = +25°C
-24
-17
-8
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
-25
-17
-6
BRPS (South Pole to Part Marking Side)
Output2
Output2 Release Point
VDD = 1.85V
TA = +25°C
3
11
19
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
2
11
20
BRPN (North Pole to Part Marking Side)
Output1
Output1 Release Point
VDD = 1.85V
TA = +25°C
-19
-11
-3
VDD = 1.6V to 3.6V
TA = -40°C to +85°C
-20
-11
-2
BHY (|BOPX|-|BRPX|)
Hysteresis (Note 10)
—
1
6
—
Notes:
8. Typical data is at TA = +25C, VDD = 1.85V.
9. Maximum and minimum parameter values over operating temperature range are not tested in production, they are guaranteed by design,
characterization and process control. The magnetic characteristics may vary with supply voltage, operating temperature and after soldering.
10. Typical and minimum hysteresis is guaranteed by design and characterization.
BHY
VOL
VDD
BOPN
BRPN 0
( Magnetic Flux Density B )
OUTPUT1 (North-Pole)
Turn On
Turn Off
( Off-State )
( On-State )
BHY
VDD
BRPS
BOPS
0
( Magnetic Flux Density B )
OUTPUT2 (South-Pole)
Turn Off
Turn On
( Off-State )
( On-State )
VOH
VOH
VOL



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com