Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AH9485 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AH9485
Description  SINGLE PHASE LOW NOISE SMART MOTOR DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AH9485 Datasheet(HTML) 4 Page - Diodes Incorporated

  AH9485 Datasheet HTML 1Page - Diodes Incorporated AH9485 Datasheet HTML 2Page - Diodes Incorporated AH9485 Datasheet HTML 3Page - Diodes Incorporated AH9485 Datasheet HTML 4Page - Diodes Incorporated AH9485 Datasheet HTML 5Page - Diodes Incorporated AH9485 Datasheet HTML 6Page - Diodes Incorporated AH9485 Datasheet HTML 7Page - Diodes Incorporated AH9485 Datasheet HTML 8Page - Diodes Incorporated AH9485 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
AH9485/86
Document number: DS38108 Rev. 1 - 2
4 of 12
www.diodes.com
September 2015
© Diodes Incorporated
AH9485/86
Absolute Maximum Ratings (Notes 5 and 6) (@TA=+25°C, unless otherwise specified.)
Symbol
Parameter
Rating
Unit
VDD
Supply Voltage
7
V
IOUTP
Peak Output Current
500
mA
IOUTC
Continuous Output Current
300
mA
VFG/RD
FG/RD Pull-up Voltage
7 or VDD
V
IFG/RD
FG/RD Current
20
mA
PD
Power Dissipation
520
mW
JA
Thermal Resistance ( Junction to Ambient)
141
ºC/W
TSTG
Storage Temperature
-55 to +150
ºC
ESD
ESD (Human Body Model) (Note 7)
2000
V
Note:
5.
Stresses greater than those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods may affect device reliability.
6. The absolute maximum VDD of 7V is a transient stress rating and is not meant as a functional operating condition. It is not recommended to operate the
device at the absolute maximum rated conditions for any period of time.
7. Electronic semiconductor products are sensitive to Electro Static Discharge (ESD). Always observe Electro Static Discharge control procedures
whenever handling semiconductor products.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VDD
Supply Voltage
2
6
V
TA
Ambient Temperature
-40
+105
ºC
Electrical Characteristics (@V
DD = 5V, T
A=+25°
C, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
IDD
Supply Current
–
–
1.8
3
mA
RDSON1
ON Resistance (RPMOS+RNMOS)
IOUT = 300mA
–
2
–
Ω
RDSON2
OUT1, OUT2 ON Resistance
TJ = +125ºC, IOUT = 300mA
–
3
–
Ω
VOL
FG/RD Output Low Voltage
IOL = 10mA
–
0.33
0.5
V
ILEAK
FG/RD Output Leakage Current
VFG(VRD) = 5V
–
0.15
10
μA
tON
Locked Rotor Period
–
–
0.25
–
s
tOFF
–
–
1.5
–
s
PWMHIGH
PWM Voltage Range
–
>0.5×VDD
–
VDD
V
PWMLOW
–
0
–
<0.14×VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com