Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOMC160 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SOMC160
Description  Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOMC160 Datasheet(HTML) 3 Page - Vishay Siliconix

  SOMC160 Datasheet HTML 1Page - Vishay Siliconix SOMC160 Datasheet HTML 2Page - Vishay Siliconix SOMC160 Datasheet HTML 3Page - Vishay Siliconix SOMC160 Datasheet HTML 4Page - Vishay Siliconix SOMC160 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SOMC
www.vishay.com
Vishay Dale
Revision: 18-Apr-17
3
Document Number: 31508
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
DIMENSIONS
Notes
• The dimension shown are for a 16 pin part. For parts with different pin numbers use the same pitch and add or subtract pads as required
• Maximum solder reflow temperature +255 °C
MARKING INFORMATION
1 % parts have 4 digits while 2 % and 5 % parts have 3 digits.
CIRCUIT APPLICATIONS
01 Schematic
13, 15, or 19 resistors with one pin common
The SOMCxx01 circuit provides a choice of 13, 15, or 19 nominally equal resistors, each
connected between a common lead (14, 16, or 20) and a discrete PC board pin.
Commonly used in the following applications:
• MOS/ROM pull-up/pull-down
• Open collector pull-up
• “Wired OR” pull-up
• Power driven pull-up
• TTL input pull-down
• Digital pulse squaring
• TTL unused gate pull-up
• High speed parallels pull-up
03 Schematic
7, 8, or 10 isolated resistors
The SOMCxx03 circuit provides a choice of 7, 8, or 10 nominally equal resistors with each
resistor isolated from all others and wired directly across. Commonly used in the following
applications:
• “Wired OR” pull-up
• Power driven pull-up
• Powergate pull-up
• Line termination
• Long-line Impedance balancing
• LED current limiting
• ECL output pull-down
• TTL input pull-down
05 Schematic
TTL dual-line terminator; pulse squaring, 12, 14, or 18 pairs of resistors
(R1 resistors are common to leads 14, 16, or 20)
(R2 resistors are common to leads 7, 8, or 10)
The SOMCxx05 circuit contains 12, 14, or 18 pairs of resistors. Each pair is connected
between ground and a common line. The junctions of these resistor pairs are connected
to the input leads.
The 05 circuits are designed for TTL dual-line termination and pulse squaring.
SOLDER PAD DIMENSIONS in millimeters
abc
l
p
w
WAVE
0.64
1.91
5.34
9.53
1.27
9.15
REFLOW
0.64
1.91
5.34
9.53
1.27
9.15
DIMENSIONS in millimeters
PIN NO#
L
W
B
E
F
G
H
K
R
S
T
14
9.91
7.62
7.62
6.20
5.59
2.16
2.03
0.914
0.457
1.27
1.14
16
11.18
7.62
8.89
6.20
5.59
2.16
2.03
0.914
0.457
1.27
1.14
20
13.72
7.62
11.43
6.20
5.59
2.16
2.03
0.914
0.457
1.27
1.14
Tol.
± 0.254
± 0.381
± 0.254
± 0.381
± 0.127
± 0.127
± 0.127
± 0.076
± 0.254
SOMC16
SOMC20
Pin 1
SOMC14
SOMC16
SOMC20
Pin 1
SOMC14
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R1
R1
R1
R1
R1
R1
R1
R2
R2
R2
R2
R2
R2
R2
R2
SOMC14, SOMC16, SOMC20
Pin 1
Pin 1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com