Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SOMC20 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SOMC20
Description  Thick Film Resistor Networks, Dual-In-Line, Medium Body, Small Outline, Molded DIP, Surface Mounts
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SOMC20 Datasheet(HTML) 4 Page - Vishay Siliconix

  SOMC20 Datasheet HTML 1Page - Vishay Siliconix SOMC20 Datasheet HTML 2Page - Vishay Siliconix SOMC20 Datasheet HTML 3Page - Vishay Siliconix SOMC20 Datasheet HTML 4Page - Vishay Siliconix SOMC20 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SOMC
www.vishay.com
Vishay Dale
Revision: 18-Apr-17
4
Document Number: 31508
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
• For additional impedance codes, refer to the Dual Terminator Impedance Code Table document (www.vishay.com/doc?31530)
IMPEDANCE CODES
CODE
R1 ()R2 ()CODE
R1 ()R2 ()
500B
82
130
141A
270
270
750B
120
200
181A
330
390
800C
130
210
191A
330
470
990A
160
260
221B
330
680
101C
180
240
281B
560
560
111C
180
270
381B
560
1.2K
121B
180
390
501C
620
2.7K
121C
220
270
102A
1.5K
3.3K
131A
220
330
202B
3K
6.2K
PERFORMANCE
TEST
CONDITIONS OF TEST
TEST RESULTS
(TYPICAL TEST LOTS)
Power conditioning
MIL-STD-202
± 0.5 %
Load life at 70 °C
MIL-STD-202
± 0.5 %
Short time overload
MIL-STD-202
± 0.25 %
Thermal shock
MIL-STD-202
± 0.5 %
Moisture resistance
MIL-STD-202
± 0.5 %
Resistance to soldering heat
MIL-STD-202
± 0.25 %
Low temperature operation
MIL-STD-202
± 0.25 %
Vibration
MIL-STD-202
± 0.25 %
Shock
MIL-STD-202
± 0.25 %
Terminal strength
MIL-STD-202
± 0.25 %
MECHANICAL SPECIFICATIONS
Marking
Model number, schematic number, value tolerance, pin 1 indicator, date code
Marking resistance to solvents
Permanency testing per MIL-STD-202, method 215
Maximum solder reflow temperature
+255 °C
Solderability
Per MIL-STD-202, method 208E
Terminals
Copper alloy. Solder dipped terminal
Body
Molded epoxy



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com