Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GP201208-CTC3 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # GP201208-CTC3
Description  SMD Type Green Emitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

GP201208-CTC3 Datasheet(HTML) 2 Page - CT Micro International Corporation

  GP201208-CTC3 Datasheet HTML 1Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 2Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 3Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 4Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 5Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 6Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 7Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 8Page - CT Micro International Corporation GP201208-CTC3 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CT Micro
Rev 2
Proprietary & Confidential
Page 2
Jan, 2021
GP201208-CTC3
SMD Type Green Emitter
Absolute Maximum Rating at 250C
Symbol
Parameters
Ratings
Units
Notes
IF
Continuous Forward Current
25
mA
IFP
Peak Forward Current
60
mA
1
VR
Reverse Voltage
5
V
Topr
Operating Temperature
-40 ~ +85
0C
Tstg
Storage Temperature
-40 ~ +100
0C
Tsol
Soldering Temperature
260
0C
2
PD
Power Dissipation at(or below) 25℃ Free Air Temperature
95
mW
Electro-Optical Characteristics TA = 25°C (unless otherwise specified)
Optical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Iv
Luminous Intensity
IF=5mA
160
-
400
mcd
3
λd
Dominant Wavelength
IF=5mA
520
-
535
nm
4
θ1/2
Angle of Half Intensity
IF=5mA
-
70
-
deg
Electrical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
VF
Forward Voltage
IF=5mA
2.5
-
3.0
V
5
IR
Reverse Current
VR=5V
-
-
1
µA
Notes:
1.
IFP Conditions--Pulse Width≦
100μs and Duty≦ 10%.
2.
Soldering time≦ 10 seconds.
3.
Bin Range of Luminous Intensity
Bin Code
Min
Max
Unit
Condition
o2
160
200
mcd
IF=5mA
p1
200
250
p2
250
300
q1
300
350
q2
350
400
Tolerance of: Luminous Intensity
10%



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com