Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDP91708BT06 Datasheet(PDF) 2 Page - CT Micro International Corporation

Part # PDP91708BT06
Description  SMD Type Photo Diode with Daylight Filter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CTMICRO [CT Micro International Corporation]
Direct Link  http://www.ct-micro.com/
Logo CTMICRO - CT Micro International Corporation

PDP91708BT06 Datasheet(HTML) 2 Page - CT Micro International Corporation

  PDP91708BT06 Datasheet HTML 1Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 2Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 3Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 4Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 5Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 6Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 7Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 8Page - CT Micro International Corporation PDP91708BT06 Datasheet HTML 9Page - CT Micro International Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CT Micro
Rev 0 (Preliminary)
Proprietary & Confidential
Page 2
Jan, 2018
PDP91708BT06
SMD Type Photo Diode with Daylight Filter
Absolute Maximum Rating at 250C
Symbol
Parameters
Ratings
Units
Notes
VR
Reverse Voltage
33
V
Topr
Operating Temperature
-40 ~ +85
0C
Tstg
Storage Temperature
-40 ~ +100
0C
Tsol
Soldering Temperature
260
0C
1
Pto
Total Power Dissipation
150
mW
Electro-Optical Characteristics TA = 25°C (unless otherwise specified)
Optical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
Spectral Bandwidth
-
700
-
1100
nm
P
Peak Sensitivity
-
-
900
-
nm
θ1/2
View Angle
VR=5V
-
60
-
deg
Electrical Characteristics
Symbol
Parameters
Test Conditions
Min
Typ
Max
Units
Notes
ID
Dark Current
Ee=0mW /cm2
VR=10V
-
-
10
nA
VBR
Reverse Breakdown Voltage
Ee=0mW /cm2
IR=100uA
33
-
-
V
VOC
Open-Circuit Voltage
Ee=1mW /cm2
P=940nm
-
0.30
-
V
ISC
Short-Circuit Current
-
0.95
-
µA
IRL
Reverse Light Current
Ee=1mW /cm2
P=940nm, VR=5V
0.5
1.15
-
µA
CT
Transition Capacitance
Ee=0mW /cm2
f=1MHz ,VR=5V
-
0.85
-
pF



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com