Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IP2716 Datasheet(PDF) 4 Page - Injoinic Technology Co.,Ltd.

Part # IP2716
Description  TYPEC/PD2.0/PD3.0 Physical Layer IC for USB TYPEC input Interfaces
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INJOINIC [Injoinic Technology Co.,Ltd.]
Direct Link  http://www.injoinic.com
Logo INJOINIC - Injoinic Technology Co.,Ltd.

IP2716 Datasheet(HTML) 4 Page - Injoinic Technology Co.,Ltd.

  IP2716 Datasheet HTML 1Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 2Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 3Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 4Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 5Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 6Page - Injoinic Technology Co.,Ltd. IP2716 Datasheet HTML 7Page - Injoinic Technology Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
IP2721
V1.02
http://www.injoinic.com/
4 / 7
Copyright © 2017, Injoinic Corp.
Package thermal resistance
θJA
90
℃/W
Package thermal resistance
θJC
39
℃/W
Human body model (HBM)
ESD
2
KV
*Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device.
Exposure to Absolute Maximum Rated conditions for extended periods may affect device reliability.
*Voltages are referenced to GND unless otherwise noted.
8. Recommended Operating Conditions
Parameter
Symbol
Min.
Typ.
Max.
Unit
Input voltage
VIN
3
25
V
Ambient temperature
TA
-40
85
℃
*Devices’ performance cannot be guaranteed when working beyond those Recommended Operating Conditions.
9. Electrical Characteristics
Unless otherwise specified, T A =25℃, 4.5V ≤ VCC1 ≤ 5.5V
Parameter
Symbol
Test Condition
Min.
Typ.
Max.
Unit
Input voltage
VIN
Supplied directly
3
25
V
Input UVLO threshold
UVLO
VIN Falling
2.5
2.9
V
Quiescent current
IQ
CC floating
120
145
uA
CC connected
1
1.5
mA
Start time
Ts
20
37
50
us
VBUS soft start time
Tv
3.5
4.5
ms
SEL input high voltage threshold
VSELH
2.5
V
SEL input low voltage threshold
VSELL
0.3
V
SEL default output voltage
VSELO
1.35
1.5
1.65
V
CC1/CC2
connection
detection
threshold voltage
VCC1_TH/
VCC2_TH
0.25
2.04
V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com