Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC-40 Datasheet(PDF) 2 Page - 3M Electronics

Part # FC-40
Description  Fluorinert™ Liquids For Electronics Manufacturing
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  3M [3M Electronics]
Direct Link  http://www.3m.com
Logo 3M - 3M Electronics

FC-40 Datasheet(HTML) 2 Page - 3M Electronics

  FC-40 Datasheet HTML 1Page - 3M Electronics FC-40 Datasheet HTML 2Page - 3M Electronics FC-40 Datasheet HTML 3Page - 3M Electronics FC-40 Datasheet HTML 4Page - 3M Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
(Not for Specification
Purposes)
All values determined
at 25°C unless
otherwise specified
290
340
388
415
438
30
56
80
97
103
-101
-90
-95
-95
-30
1.63
1.68
1.73
1.78
1.77
1.84
1.90
1.93
1.97
0.4
0.4
0.55
0.8
0.71
1.1
1.9
4.0
6.9
610
232
79
42
31
0.25
0.25
0.25
0.25
0.25
24
22
19
20
22
0.00056
0.00057
0.00060* 0.00063* 0.00064
0.0016
0.0016
0.0015
0.0014
0.0014
9.5
12
13
15
15
1.238
1.251
1.261
1.280
1.270
42
38
42
40
40
1.72
1.76
1.81*
1.86
1.90
<0.0005
<0.0003
<0.0003* <0.0003
N/A
5.6x1015
1.0x1015
1.0x1015
1.9x1015
N/A
710
11*
13
11
54
48
43*
41
N/A
Typical Boiling
Point,
°C
Pour Point, °C
Density, g/cm
3
Density, -54°C
g/cm
3
Kinematic
Viscosity,
cs
Kinematic
Viscosity,
-54°C cs
Vapor Pressure,
torr
Specific Heat,
cal/g - °C
Heat of
Vaporization @
Boiling Point,
cal/g
Thermal
Conductivity,
watts/(cm
2)
(°C/cm)
Coefficient of
Expansion
cm
3/(cm3)(°C)
Refractive
Index
Surface
Tension,
dynes/cm
Dielectric
Strength,
KV(2.54 mm gap)
Dielectric
Constant,
(1KHz)
Dissipation
Factor,
(1KHz)
Volume
Resistivity,
ohm-cm
Solubility of
Water ppm(wt.)
Solubility of Air
ml gas/100 ml
liquid
* Estimated values
Not measured due to relative proximity to pour point
N/A–not available
Average
Molecular
Weight
2
3MFluorinertLiquids Typical Properties
Properties
Fluorinert Liquid
21
650
670
820
820
128
165
175
215
215
-50
-50
-40
-25
-25
1.82
1.87
1.88
1.94
1.93
■■
0.75
2.2
2.8
14.0
12.6
■■
11
3
1.3
<0.1
<0.1
0.25
0.25
0.25
0.25
0.25
18
17
17
16
16
0.00066*
0.00066* 0.00066
0.00070*
0.00070*
0.0013
0.0012
0.0012
0.0010
0.0010
16
16
16
18
18
1.281
1.290
1.291
1.303
1.303
43
46
42
40
40
1.89
1.89
1.90
1.98
1.98
<0.0003*
<0.0003
<0.0001
<0.0001
<0.0001
5.0x1015 *
4.0x1015
3.4x1015
2.3x1015
2.3x1015
7*
7
7
8
8
30*
27
26
22
22



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com