Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2170 Datasheet(PDF) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2170
Description  Dual Full-Bridge PWM Motor Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2170 Datasheet(HTML) 6 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM2170 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM2170 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AM2170
Motor Driver ICs
A
AM
Mtte
ek
k s
se
em
miic
co
on
nd
du
uc
ctto
orrs
s
O
OC
CT
T.. 2
20
00
08
8 V
V1
1..2
2
- 6 -
Application Information
‧PWM Current control
The AM2170 dual bridge is designed to drive both windings of a bipolar stepper motor or to control bidirectionally
two DC motors. The output current of each part is sensed and controlled independently in each bridge by external
sense resistors (RS), internal comparator, and monostable multivibrator.
When the bridge is turned ON, current increases in the motor winding and it is sensed by the external sense resistor
until the sense voltage (VCOMPIN) reaches the level set at the comparator’s input:
ITRIP = VREF / 10RS
The comparator then triggers the monostabel that turns OFF the source driver of the bridge. The actual load current
peak will be slightly higher than the trip point (especially for low-inductance loads) because of the internal logic and
switching delays. This delay (td) is typically 2 μs. After turn-off, the motor current decays, circulating through the
ground-clamp diode and sink transistor. The source driver’s OFF time (and therefore the magnitude of the current
decrease) is determined by the monostable’s external RC timing components, where toff = RTCT within the range of
20kΩ to 100kΩ and 100pF to 1000pF.
When the source driver is re-enabled, the winding current (the sense voltage) is again allowed to rise to the
comparator’s threshold. This cycle repeats itself, maintaining the average motor winding current at the desired level.
Loads with highly distributed capacitances may result in high turn-ON current peaks. This peak (appearing across RS)
will attempt to trip the comparator, resulting in erroneous current control or high-frequency oscillations. An external
RCCC time delay should be used to further delay the action of the comparator. Depending on load type, many
applications will not require these external components (SENSE connected to COMP IN).
Load Current Paths
VBB
RS
BRIDGE ON
SOURCE OFF
ALL OFF
PWM Output Current Wave Form
VPHASE
I TRIP
t off
t d
+
0
-
I OUT



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com