Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2849 Datasheet(PDF) 2 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2849
Description  One Channel H-Bridge Motor Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2849 Datasheet(HTML) 2 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2849 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2849 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
AM2849
Motor Driver ICs
AMtek semiconductors
Nov. 2020 V0.9
- 2 -
Absolute Maximum Ratings (TA=25℃)
Parameter
Symbol
Limits
Unit
Power Supply Voltage
VCC
34
V
Output Continuous Current
Io CONT
4.0 (NOTE*)
A
Output Peak Current
Io peak
6.5
A
Operate Temperature Range
Topr
-20~+85
℃
Storage Temperature Range
Tstg
-40~+150
℃
Note *: Based on 25x25 mm2 FR4 PCB (1 oz.) at single side PCB
Recommended Operating Conditions (TA =25℃)
(Set the power supply voltage taking allowable dissipation into considering)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Power Supply Voltage
VCC
3.6
30
V
Signal Input IN_A and IN_B Voltage
VIN_X
-0.3
6*
V
H-Bridge Output Continuous Current
IOUT
0
4.0(Note**)
A
Externally Applied PWM Frequency
FIN_X
30
KHz
Note*: Input signal voltage is not higher VCC voltage.
Note**: Based on 25x25mm2 FR4 PCB (1 oz.) at single side PCB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com