Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM2908 Datasheet(PDF) 3 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM2908
Description  One Channel H-Bridge DrMOS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM2908 Datasheet(HTML) 3 Page - AMtek SEMICONDUCTORS CO., LTD

  AM2908 Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM2908 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AM2908
Motor Driver ICs
AMtek semiconductors
July. 2020 V0.2
- 3 -
Electrical Characteristics ( Unless otherwise specified, TA = 25℃,PVCC=VCC=24V)
Parameter
Symbol
Limit
Unit
Conditions
Min
Typ
Max
Power Supplies
Supply Current
ICC
7
mA STBY=1, No load on OUT
Standby Current
ISTB
1
uA STBY=0, No Load on OUT
Charge Pump Frequency
FCP
200
KHz
IN_X Inputs
Input H level Voltage
VIN_XH
2.0
5.5
V
Input L level Voltage
VIN_XL
0
0.7
V
Input Pull Down Resistance
RIN_X
100
KΩ
Input Frequency
FIN_X
0.02
100
KHz
H-Bridge FETs
On-resistance
Rds(ON)
45
55
mΩ
IO = 1.0A
Upper and Lower total
Protection Circuit
Supply Undervoltage Lockout
(UVLO)
VUVLO
9.4
V VCC Rising
8.7
V VCC Falling
Supply UVLO Hysteresis
VUVLO - HYS
700
mV
Overcurrent Deglitch Time
TDEG
2.0
us
Overcurrent Retry Time
TOCP
5.3
ms
Thermal Shutdown Protection
TSDP
175
℃
Thermal Shutdown Release
TSDR
120
℃
nFAULT Open Drain Output
Output Low Voltage
VOL
0.5
V IO=5mA
Output High Leakage Current
IOH
1
uA VO=3.3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com