Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM4IO Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # CM4IO
Description  Compute Module 4 IO Board An application board for thr Compute Module 4
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CM4IO Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button CM4IO Datasheet HTML 6Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 7Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 8Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 9Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 10Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 11Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 12Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 13Page - List of Unclassifed Manufacturers CM4IO Datasheet HTML 14Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1
2
3
4
5
6
1
2
3
4
5
6
A
B
C
D
A
B
C
D
Date:
KiCad E.D.A. kicad (5.99.0-3207-g147540b3b)
Rev:
Size: A4
Id: 7/7
Title: Compute Module 4 IO Board - PSUs
File: PSUs.kicad_sch
Sheet: /PSUs/
(c) Raspberry Pi Trading 2020
www.raspberrypi.org
R26
12K 1%
C35
10u 35v
C37
10u 35v
C34
10u 35v
C39
10u 35v
C38
10u 35v
C41
10u 35v
C58
100n
GND
GND
GND
C40
100n
TP4
TestPoint
GND
1
5
Q1
DMP3013SFV-7
1
2
3
J19
Barrel_Jack
D4
MMBZ5242BLT3G
C36
100n 100v
GND
1
2
3
4
J20
AMP171826-4
TP2
TestPoint
C42
10u 35v
GND
GND
C47
10u
TP6
TestPoint
GND
C51
10u
R27
12K 1%
C61
nf
GND
C52
10u
C18
100uF
R28
2.2K 1%
C49
10u
R25
20K 1%
1
2
L5
SRN6045TA-3R3Y
C60
1.2nF
BST
1
VIN
2
EN
3
SS
4
FB
5
COMP
6
GND
7
SW
8
U16
AP64501SP-13
C57
100n
C59
nf
R9
10R
+5v
+12v
+12v
+5v
+12v
+12v
+5v
5v @ 3A PSU
Can be used to power other devices if total loading on PSUs aren't exceeded
4 pin Power connector
as found on Floppy drives
+12v Input
2.1mm Tip +ve
+5v @ 3A PSU ( 7.5v-28v Input )
Can be used to power the CM4IO board. NB +12v will also be available at the DC Jack
+12v is only needed for PCIe and the FAN. If these aren't used then +12v isn't needed
Ideal diode to prevent reverse
polarity at the input
Figure 9. PSU
Raspberry Pi Compute Module 4 IO Board
Chapter 4. Circuit Diagram
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com