Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OS31 Datasheet(PDF) 13 Page - Microchip Technology

Part # OS31
Description  16-Bit General Purpose Microcontrollers with 256-Kbyte Flash and 16-Kbyte RAM in Low Pin Count Packages
PDF  416 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

OS31 Datasheet(HTML) 13 Page - Microchip Technology

Back Button OS31 Datasheet HTML 9Page - Microchip Technology OS31 Datasheet HTML 10Page - Microchip Technology OS31 Datasheet HTML 11Page - Microchip Technology OS31 Datasheet HTML 12Page - Microchip Technology OS31 Datasheet HTML 13Page - Microchip Technology OS31 Datasheet HTML 14Page - Microchip Technology OS31 Datasheet HTML 15Page - Microchip Technology OS31 Datasheet HTML 16Page - Microchip Technology OS31 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 416 page
background image
 2016-2018 Microchip Technology Inc.
DS30010118D-page 13
PIC24FJ256GA705 FAMILY
Referenced Sources
This device data sheet is based on the following
individual chapters of the “dsPIC33/PIC24 Family
Reference Manual”. These documents should be
considered as the general reference for the operation
of a particular module or device feature.
• “CPU with Extended Data Space (EDS)” (DS39732)
• “Direct Memory Access Controller (DMA)” (DS39742)
• “PIC24F Flash Program Memory” (DS30009715)
• “Data Memory with Extended Data Space (EDS)” (DS39733)
• “Reset” (DS39712)
• “Interrupts” (DS70000600)
• “Oscillator” (DS39700)
• “Power-Saving Features with Deep Sleep” (DS39727)
• “I/O Ports with Peripheral Pin Select (PPS)” (DS39711)
• “Timers” (DS39704)
• ”Input Capture with Dedicated Timer” (DS70000352)
• “Output Compare with Dedicated Timer” (DS70005159)
• “Capture/Compare/PWM/Timer (MCCP and SCCP)” (DS33035)
• “Serial Peripheral Interface (SPI) with Audio Codec Support” (DS70005136)
• “Inter-Integrated Circuit (I2C)” (DS70000195)
• “Universal Asynchronous Receiver Transmitter (UART)” (DS70000582)
• “Enhanced Parallel Master Port (EPMP)” (DS39730)
• “RTCC with Timestamp” (DS70005193)
• “32-Bit Programmable Cyclic Redundancy Check (CRC)” (DS30009729)
• “Configurable Logic Cell (CLC)” (DS70005298)
• “12-Bit A/D Converter with Threshold Detect” (DS39739)
• “Scalable Comparator Module” (DS39734)
• “Dual Comparator Module” (DS39710)
• “Charge Time Measurement Unit (CTMU) and CTMU Operation with Threshold Detect” (DS30009743)
• “High-Level Integration with Programmable High/Low-Voltage Detect (HLVD)” (DS39725)
• “Watchdog Timer (WDT)” (DS39697)
• “CodeGuard™ Intermediate Security” (DS70005182)
• “High-Level Device Integration” (DS39719)
• “Programming and Diagnostics” (DS39716)
• “Comparator Voltage Reference Module” (DS39709)
Note 1: To access the documents listed below,
browse to the documentation section of the
PIC24FJ256GA705 product page of the
Microchip website (www.microchip.com) or
select a family reference manual section
from the following list.
In addition to parameters, features and
other documentation, the resulting page
provides links to the related family
reference manual sections.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com