Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT4X Datasheet(PDF) 4 Page - Sensirion AG Switzerland

Part # SHT4X
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT4X Datasheet(HTML) 4 Page - Sensirion AG Switzerland

  SHT4X Datasheet HTML 1Page - Sensirion AG Switzerland SHT4X Datasheet HTML 2Page - Sensirion AG Switzerland SHT4X Datasheet HTML 3Page - Sensirion AG Switzerland SHT4X Datasheet HTML 4Page - Sensirion AG Switzerland SHT4X Datasheet HTML 5Page - Sensirion AG Switzerland SHT4X Datasheet HTML 6Page - Sensirion AG Switzerland SHT4X Datasheet HTML 7Page - Sensirion AG Switzerland SHT4X Datasheet HTML 8Page - Sensirion AG Switzerland SHT4X Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
4/18
2 Humidity and Temperature Sensor Specifications
Every SHT4x is individually tested and calibrated and is identifiable by its unique serial number
(see section 4.7 for details on the serial number). For the calibration, Sensirion uses transfer
standards, which are subject to a scheduled calibration procedure. The calibration of the reference,
used for the calibration of the transfer standards, is NIST traceable through an ISO/IEC 17025
accredited laboratory.
2.1 Relative Humidity
Parameter
Conditions
Value
Units
SHT40 RH accuracy1
typ.
1.8
%RH
max.
see Figure 2
-
SHT41 RH accuracy1
typ.
1.8
%RH
max.
see Figure 3
-
SHT45 RH accuracy1
typ.
1.0
%RH
max.
see Figure 4
-
Repeatability2, 3
high
0.08
%RH
medium
0.15
%RH
low
0.25
%RH
Resolution4
-
0.01
%RH
Hysteresis
At 25°C
0.8
%RH
Specified range5
extended6
0 to 100
%RH
Response time7
t63%
4
s
Long-term drift8
typ.
<0.2
%RH/y
Table 1: General relative humidity sensor specifications.
1 For definition of typ. and max. accuracy, please refer to the document “Sensirion Humidity Sensor Specification Statement”.
2 The stated repeatability is 3 times the standard deviation (3σ) of multiple consecutive measurement values at constant conditions and is a measure for the noise
on the physical sensor output. Different repeatability commands are listed in Table 7.
3 Valid for 25°C and 50%RH.
4 Resolution of A/D converter.
5 Specified range refers to the range for which the humidity or temperature sensor specification is guaranteed.
6 For details about recommended humidity and temperature operating range, please refer to section 0.
7 Time for achieving 63% of a humidity step function, measured at 25°C and 1 m/s airflow. Humidity response time in the application depends on the design-in of the
sensor.
8 Typical value for operation in normal RH/T operating range. Value may be higher in environments with vaporized solvents, out-gassing tapes, adhesives, packaging
materials, etc. For more details please refer to Handling Instructions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com