Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHT40-AD1B-R3 Datasheet(PDF) 1 Page - Sensirion AG Switzerland

Part # SHT40-AD1B-R3
Description  4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSIRION [Sensirion AG Switzerland]
Direct Link  https://www.sensirion.com/
Logo SENSIRION - Sensirion AG Switzerland

SHT40-AD1B-R3 Datasheet(HTML) 1 Page - Sensirion AG Switzerland

  SHT40-AD1B-R3 Datasheet HTML 1Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 2Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 3Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 4Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 5Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 6Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 7Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 8Page - Sensirion AG Switzerland SHT40-AD1B-R3 Datasheet HTML 9Page - Sensirion AG Switzerland Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
www.sensirion.com / D1
Version 3
– April 2022
1/18
SHT4x
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit
Relative Humidity and Temperature Sensor
Features
Relative humidity accuracy: up to ±1.0 %RH
Temperature accuracy: up to ±0.1 °C
Supply voltage: 1.08 V … 3.6 V
Average current: 0.4 µA (at meas. rate 1 Hz)
Idle current: 80 nA
I2C FM+, CRC checksum, multip. I2C addr.
Patented on-package PTFE membrane [1]
Operating range: 0…100 %RH, -40…125 °C
Fully functional in condensing environment
Variable power heater
NIST traceability
JEDEC JESD47 qualification
Mature technology from global market leader
Removable protection cap
General Description
SHT4x is a digital sensor platform for measuring relative humidity and temperature at different
accuracy classes. Its I2C interface provides several preconfigured I2C addresses and maintains
an ultra-low power budget. The power-trimmed internal heater can be used at three heating
levels thus enabling sensor operation in demanding environments. The four-pin dual-flat-no-
leads package is suitable for surface mount technology (SMT) processing and comprises an
optional on-package patented PTFE [1] membrane or a removable protection cap.
Device Overview
Functional Block Diagram
Full
product list on page 16
Products
Details
SHT40-AD1B
base RH&T accur., 0x44 I2C addr.
SHT40-BD1B
base RH&T accur., 0x45 I2C addr.
SHT40-AD1F
add. patented on-package PTFE
membrane
SHT40-AD1P
add. removable protection cap
SHT41-AD1B
Intermed. RH&T accur., 0x44 I2C addr.
SHT45-AD1B ±1.0 %RH, ±0.1°C accur., 0x44 I2C addr.


Similar Part No. - SHT40-AD1B-R3

ManufacturerPart #DatasheetDescription
logo
Sensirion AG Switzerlan...
SHT40-AD1B-R3 SENSIRION-SHT40-AD1B-R3 Datasheet
676Kb / 17P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 2 - July 2021
SHT40-AD1B-R3 SENSIRION-SHT40-AD1B-R3 Datasheet
920Kb / 24P
4th Gen. Relative Humidity and Temperature Sensor
Version 7.1 - March 2025
More results

Similar Description - SHT40-AD1B-R3

ManufacturerPart #DatasheetDescription
logo
Humirel
HTS2010SMD HUMIREL-HTS2010SMD Datasheet
573Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
List of Unclassifed Man...
HTS2030SMD ETC2-HTS2030SMD Datasheet
214Kb / 5P
Temperature and Relative Humidity Sensor
logo
Humirel
HTS2030SMD HUMIREL-HTS2030SMD Datasheet
360Kb / 4P
TEMPERATURE AND RELATIVE HUMIDITY SENSOR
logo
Sensirion AG Switzerlan...
SHT4XA SENSIRION-SHT4XA Datasheet
832Kb / 18P
4th Generation, High-Accuracy, 16-bit, Automotive-Grade Relative Humidity and Temperature Sensor
Version 2 - July 2022
SHT4XI SENSIRION-SHT4XI Datasheet
623Kb / 15P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 1 - November 2021
STS4X SENSIRION-STS4X Datasheet
537Kb / 14P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Temperature Sensor Platform
Version 1.1 - July 2022
SHT4XI-DIGITAL SENSIRION-SHT4XI-DIGITAL Datasheet
864Kb / 19P
4th Generation, High-Accuracy, 16-bit, Industrial-Grade, Relative Humidity and Temperature Sensor
Version 2 - November 2022
SHT4X SENSIRION-SHT4X_V01 Datasheet
1Mb / 16P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor Platform
Version 1 - October 2020
SHT4X SENSIRION-SHT4X_V02 Datasheet
850Kb / 22P
4th Generation, High-Accuracy, Ultra-Low-Power, 16-bit Relative Humidity and Temperature Sensor
Version 4 - November 2022
SHT33-DIS SENSIRION-SHT33-DIS Datasheet
853Kb / 26P
3th Generation, High-Reliability, Certified Relative Humidity and Temperature Sensor
Version 1 - December 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com