Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STM32L4+ Datasheet(PDF) 2 Page - STMicroelectronics

Part # STM32L4+
Description  This module presentation presents the key differences between the STM32L4 and the STM32L476/L486 devices.
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L4+ Datasheet(HTML) 2 Page - STMicroelectronics

  STM32L4+ Datasheet HTML 1Page - STMicroelectronics STM32L4+ Datasheet HTML 2Page - STMicroelectronics STM32L4+ Datasheet HTML 3Page - STMicroelectronics STM32L4+ Datasheet HTML 4Page - STMicroelectronics STM32L4+ Datasheet HTML 5Page - STMicroelectronics STM32L4+ Datasheet HTML 6Page - STMicroelectronics STM32L4+ Datasheet HTML 7Page - STMicroelectronics STM32L4+ Datasheet HTML 8Page - STMicroelectronics STM32L4+ Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
STM32L4Rxxx/Sxxx and
STM32L4P5xx/Q5xx Block Diagram
• Up to 120MHz, 406 CoreMark
• Up to 2MB Flash / 640KB SRAM for
STM32L4Rxxx/Sxxx devices
• Up to 1MB Flash / 320KB SRAM for
STM32L4P5xx/Q5xx devices
• MIPI-DSI 2 Lanes
• LCD-TFT controller
• Chrom-ART
• Chrom-GRC
• 2xOctoSPI
2
USB OTG, 1x CAN,
2x SD/SDIO/MMC(2), 3x SPI,
4x I²C, 2xOctoSPI,
5x USART + 1x ULP UART
Connectivity
Cortex-M4
120 MHz
FPU
MPU
ETM
Up to
2-Mbyte Flash
with ECC
Dual Bank
Up to 640-Kbyte
RAM
2xDMA
ART
Accelerator™
AES (256-bit), SHA 256,
PKA (3),TRNG, 2x SAI,
DFSDM (8 channels)
Digital
2x 12-bit ADC(4), 2x DAC,
2x comparators, 2x op amps
1x temperature sensor
Analog
FSMC 8-/16-bit
(TFT-LCD, SRAM, NOR,
NAND)
Parallel Interface
MIPI-DSI(1) 2 Lanes 500Mps
LCD-TFT Controller
Display
17 timers including:
2 x 16-bit advanced motor
control timers
2 x ULP timers
7 x 16-bit-timers
2 x 32-bit timers
Timers
I/Os
Up to 114 I/Os
Touch-sensing controller
Camera Interface
Chrom-ART ™
Chrom-GRC ™(1)
(1)
MIPI-DSI and Chrom-GRC are available only on STM32L4Rxxx/Sxxx devices
(2)
2x SDMMC for STM32L4P5xx/Q5xx devices and 1x SDMMC for STM32L4Rxxx/Sxxx devices
(3)
PKA only for STM32L4P5xx/Q5xx devices
(4)
2x ADC for STM32L4P5xx/Q5xx devices and 1x ADC for STM32L4Rxxx/Sxxx devices
The STM32L4+ series stretches the STM32L4 technology
by offering higher performance, that is to say 120 MHz/406
CoreMark executing from internal Flash memory
The new STM32L4+ embeds up to 2 Mbytes of dual-bank
Flash memory and up to 640 Kbytes of embedded SRAM.
It also embeds advanced graphic features enabling state-
of-the-art Graphic User Interfaces.:
•
The Chrom-ART Accelerator™, the ST proprietary 2D
hardware graphic accelerator, efficiently handles
repetitive graphic operations releasing the main CPU
capabilities for real-time processing or even more
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com