Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250T-1FCVG784E Datasheet(PDF) 39 Page - Microchip Technology

Part # MPFS250T-1FCVG784E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-1FCVG784E Datasheet(HTML) 39 Page - Microchip Technology

Back Button MPFS250T-1FCVG784E Datasheet HTML 35Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 36Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 37Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 38Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 39Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 40Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 41Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 42Page - Microchip Technology MPFS250T-1FCVG784E Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 128 page
background image
Units
Max
Min
Symbol
Parameter
ns
8.5
2.0
TULPICKO
ULPI clock to poutput
valid, all outputs
MHz
60
FULPICLK
ULPI device clock fre-
quency
6.1.8
CAN
The following table describes CAN. The reference clock should be fixed to achieve the 1 Mbps bus rate.
Table 46 • CAN
Units
Max
Min
Symbol
Parameter
µs
1
TPWCANRX
Receive pulse width
µs
1
TPWCANTX
Transmit pulse width
MHz
80
Internally sourced CAN
reference clock frequen-
cy
NA
NA
Externally sourced CAN
reference clock frequen-
cy
6.1.9
MMUART
The following table describes MMUART.
Table 47 • MMUART
Units
Max
Min
Symbol
Parameter
Mbps
6.25
BAUDTXMAX
Transmit baud rate
Mbps
6.25
BAUDRXMAX
Receive baud rate
MHz
150
FUART_REF_CLK
UART reference clock
frequency
6.1.10
QSPI
The following tables describe the QSPI switching characteristics.
Table 48 • Feedback Clock Enabled
Units
Max
Min
Load
Conditions
Symbol
Parameter
%
55
45
All
1, 2
TDCQSPICLK1
Quad-SPI clock duty
cycle
ns
4.5
2.9
15 pF
1
TQSPICKO1
Data and slave se-
lect output delay
35
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com