Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250T-FCVG484E Datasheet(PDF) 71 Page - Microchip Technology

Part # MPFS250T-FCVG484E
Description  PolarFire SoC Advanced Datasheet
PDF  128 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484E Datasheet(HTML) 71 Page - Microchip Technology

Back Button MPFS250T-FCVG484E Datasheet HTML 67Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 68Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 69Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 70Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 71Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 72Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 73Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 74Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 75Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 128 page
background image
The following table lists the maximum operating frequency (FMAX) of the math block in the industrial
temperature range (–40 °C to 100 °C).
Table 79 • Math Block Performance Industrial Range (–40 °C to 100 °C)
Unit
VDD = 1.05 V – 1
VDD = 1.05 V – STD
VDD = 1.0 V – 1
VDD = 1.0 V – STD
Modes
MHz
500
435
465
365
18 × 18 multiplica-
tion
MHz
500
435
465
365
18 × 18 multiplica-
tion summed with
48-bit input
MHz
500
430
460
355
18 × 19 multiplier
pre-adder ROM
mode
MHz
500
435
465
365
Two 9 × 9 multipli-
cation
MHz
500
435
465
365
9 × 9 DOTP
MHz
500
425
450
350
Complex 18 × 19
multiplication
6.4.2
SRAM Blocks
The following table lists the maximum operating frequency (FMAX) of the LSRAM block in the industrial
temperature range (–40 °C to 100 °C).
Table 80 • LSRAM Performance Industrial Temperature Range (–40 °C to 100 °C)
Condition
Unit
V DD = 1.05 V – 1
V DD = 1.05 V – STD
V DD = 1.0 V – 1
V DD = 1.0 V – STD
Two-port, all sup-
ported widths,
MHz
428
343
428
343
pipelined, simple-
write, and write-
feed-through
Two-port, all sup-
ported widths, non-
MHz
428
309
428
309
pipelined, simple-
write, and write-
feed-through
Dual-port, all sup-
ported widths,
MHz
428
343
428
343
pipelined, simple-
write, and write-
feed-through
Dual-port, all sup-
ported widths, non-
MHz
428
309
428
309
pipelined, simple-
write, and write-
feed-through
Two-port pipelined
ECC mode,
MHz
428
343
428
343
67
Microsemi Proprietary and Confidential. DS0147 Revision 1.0
AC Switching Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com