Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250TLS-1FCVG484E Datasheet(PDF) 41 Page - Microchip Technology

Part # MPFS250TLS-1FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250TLS-1FCVG484E Datasheet(HTML) 41 Page - Microchip Technology

Back Button MPFS250TLS-1FCVG484E Datasheet HTML 37Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 38Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 39Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 40Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 41Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 42Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 43Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 44Page - Microchip Technology MPFS250TLS-1FCVG484E Datasheet HTML 45Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 50 page
background image
7.
Reliability
Microchip continues to offer the industry’s most reliable FPGAs for your mission and safety critical applications.
7.1
FPGA Fabric
PolarFire SoC FPGA configuration cells are inherently immune to SEUs caused by neutrons. Contrary to popular
belief, shielding does not prevent a neutron from passing through an electronic system or electronic device. As
semiconductor device geometry shrinks to smaller lithography, the problem of MBUs starts appearing. SRAM FPGA
scrubbing techniques might be inadequate in these circumstances and while scrubbing may help, an important point
is that scrubbing detects an error after the fact. The error has already occurred and propagated throughout the
system. The configuration of the PolarFire SoC FPGA fabric provides worry-free operation against random events
caused by SEUs.
7.2
LSRAM
LSRAMs have built-in SECDED capability on a 32-bit word boundary. Seven additional bits are used for error
correction. Two flags are provided to the user to indicate SECDED. Mitigation against multi-bit upsets is provided
by keeping all cells in a word separated by a minimum distance. Applications that require scrubbing need to be
accomplished with user logic. The error correction logic can be turned ON and OFF by the user to enable easy
validation of the error correction operation.
7.3
µSRAM
The 64 × 12 µSRAMs are constructed from latches and are not as sensitive to SEUs as SRAMs are.
7.4
Digests
Digests verify the integrity of the programmed non-volatile data. Digests are a cryptographic hash of various data
areas. Any digest that reports back an error raises the digest tamper flag.
The following are digestible non-volatile areas:
• The FPGA fabric and consequently the µPROM
• sNVM marked as ROM
• User key 1
• User key 2
• Factory parametric and key storage
• 128 KB eNVM block
7.5
System Controller Suspend Mode
For safety critical applications, PolarFire SoC FPGAs allow the user to place the Cortex-M3-based system controller
in a reset state after the FPGA has powered up. By programming an SEU configuration non-volatile bit, the system
controller is placed in reset by a TMRed SEU immune reset latch after FPGA power-up. User logic can monitor if
the suspend mode command is active and if the system controller cannot fetch instructions while in the reset state.
The FPGA can be re-programmed after disabling the suspend mode by asserting the appropriate JTAG signals. The
JTAG TRSTB signal must be asserted low for suspend mode to remain active.
The following illustration shows how to activate and deactivate suspend mode.
Reliability
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com