| Electronic Components Datasheet Search |
|
MPFS250TLS-1FCVG484I Datasheet(PDF) 22 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
MPFS250TLS-1FCVG484I Datasheet(HTML) 22 Page - Microchip Technology |
|
22 / 50 page ![]() – Programmable SPI clock HCLK/2, HCLK/4 or HCLK/6 – Maximum data rate is HCLK/2 • FIFOs – Transmit and Receive FIFO – 16-byte transmit FIFO depth – 32-byte receive FIFO depth • SPI Protocol – Master operation – Motorola SPI supported – Slave select operation in idle cycles configurable – Supports extended SPI operation (1, 2, and 4 bits) – Supports QSPI operation (4-bit operation) – Supports BSPI operation (2-bit operation) – Support XIP (execute in place) – Supports 3 or 4-byte SPI address. • Frame Size – Supports 8-bit frames directly – Back-to-back frame operation supports >8-bit frames – Supports up to 4GB Transfer (2**32 bytes) • Processor Overhead Reduction – Support of SPI flash command/data packets with automatic data generation and discard function 3.5.7 Serial Peripheral Interface Serial peripheral interface (SPI) is a synchronous serial data protocol that enables the microprocessor or microcontroller and peripheral devices to communicate with each other. The SPI controller provides a serial interface compliant with the Motorola SPI, Texas Instruments synchronous serial, and National Semiconductor MICROWIRE™ formats. In addition, SPI supports interfacing with large SPI flash and EEPROM devices and a hardware-based slave protocol engine. There are two identical SPI controllers in the MSS. • The SPI peripherals support the following features. • Master and Slave modes • Selectable slaves (up to 8) • Configurable slave select operation • Configurable clock polarity • Separate transmit (Tx) and receive (Rx) FIFOs to reduce interrupt service loading 3.5.8 Multi-Mode UART The PolarFire SoC multi-mode universal asynchronous/synchronous receiver/transmitter (MMUART) performs serial- to parallel conversion on data originating from modems or other serial devices, and performs parallel-to serial conversion on data from the CPUs. PolarFire SOC contains 5 identical MMUARTs. The MMUART is software compatible with the popular 16550 UART device. The MMUART peripherals support the following features. • Asynchronous and synchronous operations • Full programmable serial interface characteristics • Data width is programmable to 5, 6, 7, or 8 bits • Even, odd, or no-parity bit generation/detection • 1, 1½, and 2 stop bit generation • 9-bit address flag capability used for multi-drop addressing topologies • Separate transmit (Tx) and receive (Rx) FIFOs to reduce processor interrupt service loading Microprocessor Subsystem © 2021 Microchip Technology Inc. and its subsidiaries Overview DS60001656C-page 22 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |