Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM7228 Datasheet(PDF) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM7228
Description  Single Phase Full-Wave Motor Driver for Fan Motor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM7228 Datasheet(HTML) 13 Page - AMtek SEMICONDUCTORS CO., LTD

Back Button AM7228 Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 10Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 11Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 12Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 13Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 14Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 15Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 16Page - AMtek SEMICONDUCTORS CO., LTD AM7228 Datasheet HTML 17Page - AMtek SEMICONDUCTORS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AM7228
Motor Driver ICs
http://www.amtek-semi.com
JUNE.. 2
20
01
14
4 V
V1
1..1
1
Specifications subject to change without notice
- 13 -
Reducing the noise of hall signal
Hall element may be affected by the depending on the wiring pattern of board. In this case, place a
capacitor like C1 in Fig.10. In addition, when wiring from the hall element output to IC hall input is
long, noise may be loaded on wiring. In this case, place a capacitor like C2 in Fig.10.
Fig.10 Application in the vicinity of hall signal
PWM input
Rotation speed of motor can be changed by controlling ON/OFF of the upper output depending on
duty of the signal input to PWM terminal.
Fig.10 Timing chart in PWM control
When the voltage input to PWM terminal applies
H logic : normal operation
L logic : H side output is off
When PWM terminal is open, H logic is applied.
PWM terminal has hysteresis of 100mV (Typ.).
If H logic is applied to PWM terminal before VCC voltage is applied to IC, current flows to VCC
terminal through ESD protection diode inside PWM terminal, resulting in malfunction may possibly
occur.
When VCC voltage is not apply to IC, do not apply voltage to PWM terminal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com