Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPFS250T-FCVG484E Datasheet(PDF) 23 Page - Microchip Technology

Part # MPFS250T-FCVG484E
Description  PolarFire® SoC Product Overview
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MPFS250T-FCVG484E Datasheet(HTML) 23 Page - Microchip Technology

Back Button MPFS250T-FCVG484E Datasheet HTML 19Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 20Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 21Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 22Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 23Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 24Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 25Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 26Page - Microchip Technology MPFS250T-FCVG484E Datasheet HTML 27Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
• Single-wire half-duplex mode in which Tx pad can be used for bi-directional data transfer
• Local interconnect network (LIN) header detection and auto baud rate calculation
• Communication with ISO 7816 smart cards
• Fractional baud rate capability
• Return to Zero Inverted (RZI) mod/demod blocks that allow infrared data association (IrDA) and serial infrared
(SIR) communications
• The most significant bit (MSB) or the least significant bit (LSB) as the first bit while sending or receiving data
3.5.9
I2C
Philips inter-integrated circuit (I2C) is a two-wire serial bus interface that provides data transfer between many
devices. PolarFire SoC contains two identical I2C peripherals in the MSS that provide a mechanism for serial
communication between the PolarFire SoC and external I2C compliant devices. I2C peripherals support the following
features:
• Master and Slave modes
• 7-bit addressing format and data transfers up to 100 Kbps in Standard mode and up to 400 Kbps in Fast mode
• Multi-master collision detection and arbitration
• Own slave address and general call address detection
• Second slave address detection
• System management bus (SMBus) timeout and real-time idle condition counters
• Input glitch or spike filters
3.5.10
Real Time Counter
PolarFire SoC integrates a real time calendar with built-in clock prescaler and an alarm wake-up comparator. It has
the following two modes of operation.
• Real time Calendar (counts seconds, minutes, hours, days, weeks, months, and years)
• Binary counter (counts from 0 to 243)
3.5.11
Watchdog Timer
There are five watchdogs in the MSS, one per CPU. The watchdog guards against system crashes by requiring that
it is regularly serviced by the assigned processor. The watchdog is not enabled at reset and generates a NMI upon
reaching the trigger value. Once enabled, the watchdog cannot be disabled.
3.5.12
Timer
The PolarFire SoC system timer consists of two programmable 32-bit decrement counters that generate interrupts to
the MSS and FPGA fabric. The two 32-bit timers are identical and have the following features.
• One-shot mode
• Periodic mode
• Concatenation mode in which two 32-bit timers can be concatenated to create a 64-bit timer
• Option to enable or disable the interrupt requests when timer reaches zero
• Controls to start, stop, and reset the timer
3.6
Processor-to-Fabric Interconnect
The interconnect between the FPGA fabric and the MSS switches are either AXI- or APB-based. There are three AXI
64-bit interfaces. Two interfaces support a full, 64-bit AXI bus into the fabric from the MSS and from the fabric to the
MSS. One AXI 64-bit interface supports a full, 64-bit AXI bus from the fabric into the MSS. The AXI buses all have
DLLs to cancel out any insertion delay and can operate asynchronously to the processors operating frequency. In
addition, a 32-bit APB bus is provided to the fabric from the MSS.
Microprocessor Subsystem
© 2021 Microchip Technology Inc.
and its subsidiaries
Overview
DS60001656C-page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com