Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM9268Q Datasheet(PDF) 1 Page - AMtek SEMICONDUCTORS CO., LTD

Part # AM9268Q
Description  8-Channel Motor Driver for BD-Player
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMTEK [AMtek SEMICONDUCTORS CO., LTD]
Direct Link  http://www.amtek-semi.com
Logo AMTEK - AMtek SEMICONDUCTORS CO., LTD

AM9268Q Datasheet(HTML) 1 Page - AMtek SEMICONDUCTORS CO., LTD

  AM9268Q Datasheet HTML 1Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 2Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 3Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 4Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 5Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 6Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 7Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 8Page - AMtek SEMICONDUCTORS CO., LTD AM9268Q Datasheet HTML 9Page - AMtek SEMICONDUCTORS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
AM9268Q
Motor Driver ICs
http://www.amtek-semi.com
M
Ma
arr 2
20
01
13
3 V
V1
1..2
2
Specifications subject to change without notice
- 1
8-Channel
Motor
Driver
for
BD-Player
AM9268Q
The AM9268Q is 8-Channel motor driver IC which has 2 Channel PWM drivers for sledge
motor, 2 Channel BTL drivers for collimator motor, 3 channel actuator drivers and 1 tray driver.
The PWM control system for sledge is used to reduce IC power dissipation. This IC also has
1 independent precision voltage regulator with enable control. Output voltage adjustable
range is from 1.2V to 4.0V.It has built-in thermal-shut-down circuit. Package material is Pb
free.
Applications
BD-player
Features
1) Direct-PWM-driving system
2) Current limit circuit
3) Built-in thermal-shut-down circuit
4) One built-in voltage regulator (1.2V~4.0V)
5) Built-in Thermal-shut-down
6) Low consumption
7) The mode is able to be selected by the two control terminals.
- ON/OFF of loading, and other 8 channels and standby mode
Absolute Maximum Ratings (Ta = 25℃)
Parameter
Symbol
Limits
Unit
5V voltage supply
VCC5
13
V
VMCOL Power supply
VMCOL
13
V
12V voltage supply
VCC12
15
V
Sledge output current
IoSL
0.5
A
Actuator output current
IoACT
1.0
A
Collimator output current
IoCO
1.0
A
Tray output current
IoTY
1.0
A
Power dissipation
Pd
*3.59
W
Operating temperature
Topr
-
40 to +85
℃
Storage temperature
Tstg
**-50 to +150
℃
*When mounted on a 76.2mm×114.6mm×1.6mm 2 layers FR4 board.
*Reduced by 28.73mW for each increase in Ta of 1℃ over 25℃.
**Should not exceed Pd or ASO and Tj=150°C values


Similar Part No. - AM9268Q

ManufacturerPart #DatasheetDescription
logo
AMtek SEMICONDUCTORS CO...
AM9293Q AMTEK-AM9293Q Datasheet
325Kb / 12P
Sensorless BLDC Motor Driver for Optical Storage
Mar. 2013 V0.1
More results

Similar Description - AM9268Q

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT5659 ETC-AT5659 Datasheet
296Kb / 10P
5-CH MOTOR DRIVER FOR DC/VCD PLAYER
AM5668 ETC1-AM5668 Datasheet
136Kb / 2P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
BCD Semiconductor Manuf...
AM5665 BCDSEMI-AM5665 Datasheet
149Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Aimtron Technology
AT5658 AIMTRON-AT5658 Datasheet
283Kb / 8P
4-ch Motor Driver for CD/VCD Player
logo
BCD Semiconductor Manuf...
AM5669 BCDSEMI-AM5669 Datasheet
172Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5668 BCDSEMI-AM5668 Datasheet
126Kb / 14P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5680 BCDSEMI-AM5680 Datasheet
133Kb / 13P
5-CHANNEL MOTOR DRIVER FOR DVD PLAYER
AM5954A BCDSEMI-AM5954A Datasheet
139Kb / 13P
4-CHANNEL MOTOR DRIVER FOR DVD PLAYER
logo
Silan Microelectronics ...
SA5901 SILAN-SA5901 Datasheet
386Kb / 24P
4-CHANNEL MOTOR DRIVER FOR PORTABLE CD PLAYER
logo
Unisonic Technologies
UA8868 UTC-UA8868 Datasheet
207Kb / 6P
5-CHANNEL BTL DRIVER FOR DVD PLAYER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com