Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CT-G Datasheet(PDF) 3 Page - DIWELL Electronics Co., Ltd.

Part # CT-G
Description  CT-G Series Test board
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIWELL [DIWELL Electronics Co., Ltd.]
Direct Link  https://diwell.com/
Logo DIWELL - DIWELL Electronics Co., Ltd.

CT-G Datasheet(HTML) 3 Page - DIWELL Electronics Co., Ltd.

  CT-G Datasheet HTML 1Page - DIWELL Electronics Co., Ltd. CT-G Datasheet HTML 2Page - DIWELL Electronics Co., Ltd. CT-G Datasheet HTML 3Page - DIWELL Electronics Co., Ltd. CT-G Datasheet HTML 4Page - DIWELL Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DIWELL Electronics Co., Ltd.
CT-G Series Test board Manual
2 / 3
V.1.0.0
User interface
- Temperature tab
◇ Open COM port: Select the COM number (See previous page step3) and press the “Connect” button.
Note. The port connection status does not mean that the test kit connection is successful. It's just that the port is open state.
◇ Read temperature: Click the play button. (▶)
◇ Stop reading: Click the stop button. (■)
◇ Alarm Control: Configure the settings for alarm.
- Alarm Off:
, On:
(Click the alarm icon, default: Off)
- Alarm Set Point: The temperature at which the alarm is triggered. Minimum: 10°C. Maximum: 100°C.
An alarm sound will be played. And the background of the Temperature View will stay red, until the alarm is reset. It can turn off the alarm manually.
- Hysteresis: The temperature difference between the Alarm Set Point and the reset temperature. Please see the diagrams below for more information.
Minimum: 1°C, Maximum: 20°C.
- Alarm Type: High, (The alarm is triggered when the temperature rises above the Alarm Set Point.)
- Alarm reset: The alarm is acknowledged and reset automatically when the temperature reaches the reset temperature.
- Q. Set Point: 70℃, Hysteresis: 5℃. What is the temperature at which the alarm automatically stops? A. less than 65℃
◇ Device ID: Modbus ID (factory default: 1)
◇ Data Logging: All data is saved as a text file in a subfolder “TEMPLOG”. Logging can be started and stopped manually.
If the temperature exceeds the set point during data logging, an "A" character is added to the end of the data line.
- Setting tab
◇ ID setup: Enter a new Modbus ID, then click Apply button to save it to the sensor. Minimum: 1, Maximum: 200
The ID is very important. It is not possible to read/write emissivity, average filter, and read the temperature without Modbus ID.
Example of changing ID from 1 to 2
◇ ID scan: It can be easily find ID by scanning.
◇ Emissivity: The CT-G is calibrated for an object emissivity of 0.99. It can be customized by the customer for any other emissivity in the range 0.1…1.0.
The emissivity value in the program is multiplied by 100.
i.e. 99 means 0.99, 100 means 1.0, 10 means 0.1
※ When measuring metallic luster materials such as aluminum and copper, it is recommended to apply a black spray or a blackbody tape to the surface of the object.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com