Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS234075 Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # CS234075
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS234075 Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button CS234075 Datasheet HTML 22Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 23Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 24Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 25Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 26Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 27Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 28Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 29Page - List of Unclassifed Manufacturers CS234075 Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 42 page
background image
Magnetic Powder Cores :::
50
49 ::: Chang Sung Corporation
OD508
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
50.80
31.75
13.46
(inch)
2.000
1.250
0.530
After coating
(mm)
51.70
30.90
14.35
(Epoxy)
(inch)
2.035
1.218
0.565
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.251cm2
12.73cm
7.50cm2
15.929cm3
0.194in2
5.02in
1,484,000cmil
0.9739in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
30
33
38
43
48
54
60
68
76
0.00539
0.00754
0.0105
0.0147
0.0205
0.0287
0.0402
0.0562
0.0788
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
85
95
107
120
133
149
167
186
207
0.110
0.154
0.216
0.306
0.424
0.596
0.838
1.18
1.64
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM508026
CM508060
-
-
CM508125
CM508147
CM508160
-
-
CH508026
CH508060
-
-
CH508125
-
-
-
-
CS508026
CS508060
CS508075
CS508090
CS508125
-
-
-
-
CK508026
CK508060
CK508075
CK508090
-
-
-
-
-
32
73
91
109
152
179
195
-
-
26
60
75
90
125
147
160
173
200
ID 31.75mm
HT 13.46mm
OD 50.80mm / 2.000inches
AL vs NI Curve (60μ, 125μ)
OD468
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
46.74
28.70
15.24
(inch)
1.840
1.130
0.600
After coating
(mm)
47.60
27.90
16.13
(Epoxy)
(inch)
1.875
1.098
0.635
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
1.340cm2
11.63cm
6.11cm2
15.584cm3
0.208in2
4.58in
1,206,000cmil
0.9526in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
10
11
12
13
14
15
16
17
18
0.267
0.238
0.213
0.190
0.171
0.153
0.137
0.122
0.109
26
30
34
38
43
48
54
61
68
0.00505
0.00708
0.0099
0.0139
0.0193
0.0270
0.0380
0.0530
0.0745
19
20
21
22
23
24
25
26
27
0.0980
0.0879
0.0785
0.0701
0.0632
0.0566
0.0505
0.0452
0.0409
77
86
96
108
120
134
150
168
186
0.104
0.146
0.205
0.290
0.402
0.565
0.795
1.12
1.56
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
CM468026
CM468060
-
-
CM468125
CM468147
CM468160
-
-
CH468026
CH468060
-
-
CH468125
-
-
-
-
CS468026
CS468060
CS468075
CS468090
CS468125
-
-
-
-
CK468026
CK468060
CK468075
CK468090
-
-
-
-
-
37
86
107
128
178
210
228
-
-
26
60
75
90
125
147
160
173
200
ID 28.70mm
HT 15.24mm
AL vs NI Curve (60μ, 125μ)
OD 46.74mm / 1.840inches



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com