Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NF2000-S Datasheet(PDF) 27 Page - Mitsubishi Electric Semiconductor

Part # NF2000-S
Description  TECHNICAL NOTES
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

NF2000-S Datasheet(HTML) 27 Page - Mitsubishi Electric Semiconductor

Back Button NF2000-S Datasheet HTML 23Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 24Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 25Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 26Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 27Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 28Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 29Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 30Page - Mitsubishi Electric Semiconductor NF2000-S Datasheet HTML 31Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 105 page
background image
26
Type
Low-inst
Standard
Mag-Only
(Inst trip only)
Generator
690V
500V
440V
400V
230V
Frame (A)
Rated insulation voltage Ui (V) AC
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
Number of poles
Automatic tripping
device
Rating (A) and
Inst. (A)
400A
NF400-SEP
200
400
adjustable
34
Electronic trip relay
Adjustable ampere rating
Adjustable long time delay
operating time, short time delay
pick up and instantaneous
Short time delay pick up current
Variation is within
±15% of
setting current
2 to 10
Ir
200
400-500-600-700-800-
1000-1200-1400-1600-
2000
225
450-562.5-675-787.5-
900-1125-1200-1500-
1800-1350-1575-1800-
2250
250
500-625-750-875-1000-
1250-1500-1750-2000-
2500
300
600-750-900-1050-1200-
1500-1800-2100-2400-
3000
350
700-875-1050-1225-
1400-1750-2100-2450-
2800-3500
400
800-1000-1200-1400-
1600-2000-2400-2800-
3200-4000
Instantaneous pick up current
Variation is within
±15% of
setting current
4
In
16
In
1600
6400
690
10/10
30/30
42/42
45/45
85/85
Rated current
In (A)
AC Breaking
capacity (kA rms)
IEC60947-2
Icu/Ics
NF400-CP
23
Thermal, magnetic
Fixed ampere rating and
instantaneous
250, 300, 350, 400
600
–
15/8
25/13
36/18
50/25
250
2500
± 500
300
3000
± 600
350
3500
± 700
400
4000
± 800
23
Thermal, magnetic
Fixed ampere rating and
instantaneous
6
In4 In
250 1500
± 300 1000± 200
300 1800
± 360 1200± 240
350 2100
± 420 1400± 280
400 2400
± 480 1600± 320
23
Magnetic
Fixed ampere rating and
instantaneous
250
2500
± 500
300
3000
± 600
350
3500
± 700
400
4000
± 800
–
–
–
NF400-SP
234
Thermal, magnetic
Fixed ampere rating and
instantaneous
250, 300, 350, 400
690
10/10
30/30
42/42
45/45
85/85
250
3500
± 700
300
4200
± 840
350
4900
± 980
400
5600
± 1120
23
4
Magnetic
Fixed ampere rating and
instantaneous
250
2500
± 500
300
3000
± 600
350
3500
± 700
400
4000
± 800
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
~
~
~



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com