Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLC800 Datasheet(PDF) 2 Page - Solid State Optronic

Part # SLC800
Description  Linear Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SLC800 Datasheet(HTML) 2 Page - Solid State Optronic

  SLC800 Datasheet HTML 1Page - Solid State Optronic SLC800 Datasheet HTML 2Page - Solid State Optronic SLC800 Datasheet HTML 3Page - Solid State Optronic SLC800 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SLC800
Linear Optocoupler
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Forward LED Current
m
40
A
COUPLER/DETECTOR
CHARACTERISTICS @25°C
K1 Servo Gain (I1/If)
0.001
0.002
0.01
If = 0.3-1.0mA, Vcc = 15V
K1 Servo Gain (I1/If)
0.002
0.004
0.01
If = 1-10mA, Vcc = 15V
K2 Forward Gain (I2/If)
0.001
0.002
0.01
If = 0.3-1.0mA, Vcc = 15V
K2 Forward Gain (I2/If)
0.002
0.004
0.01
If = 1-10mA, Vcc = 15V
K3 Transfer Gain (K2/K1)
0.98
1
1.02
If = 0.3-10.0mA, Vcc = 15V
Transfer Gain Linearity
%
0.07
0.1
If = 0.3-10.0mA
Isolation Voltage
V
1500
T = 1 minute
PHOTOCONDUCTIVE
OPERATION @25°C
Frequency Response (-3dB)
140
If = 10mA, dV = 2V
Phase Response
-45
f = 140kHz
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com