Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDM1230 Datasheet(PDF) 1 Page - CUI INC

Part # CDM1230
Description  M12 CABLE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

CDM1230 Datasheet(HTML) 1 Page - CUI INC

  CDM1230 Datasheet HTML 1Page - CUI INC CDM1230 Datasheet HTML 2Page - CUI INC CDM1230 Datasheet HTML 3Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
date 04/12/2022
page 1 of 3
cuidevices.com
SERIES: CDM1230
│ DESCRIPTION: M12 CABLE
FEATURES
• M12 molded male cable connector
• A code
• right-angle
• IP67
• 1, 2, & 3 meter length options
SPECIFICATIONS
parameter
conditions/description
min
typ
max
units
rated voltage
3 & 4 pole models
5 pole model
8 & 12 pole models
250
60
30
V
V
V
rated current
3, 4, & 5 pole models
8 pole model
12 pole model
4
2
1.5
A
A
A
withstanding voltage
for 1 minute
1,500
Vac
contact resistance
10
mΩ
insulation resistance
at 500 Vdc for 1 minute
100
MΩ
insertion/withdrawal force
0.3
3.0
kgf
operating temperature
-25
80
°C
life
100
cycles
safety approvals
compliant with IEC61076-2-101
flammability rating
see material table
RoHS
yes
IP level
IP67 (in mated condition)
PART NUMBER KEY
Base Number
CDM1230 - XX A - 01MRA - XX - 67
No. of Poles (A-Coding):
03 = 3
04 = 4
05 = 5
08 = 8
12 = 12
Cable Length:
1M = 1 m
2M = 2 m
3M = 3 m
Additional Resources: Product Page


Similar Part No. - CDM1230

ManufacturerPart #DatasheetDescription
logo
CUI Devices
CDM1230 CUID-CDM1230 Datasheet
327Kb / 3P
M12 CABLE
08/05/2022
CDM1230-03A-01MRA-1M-67 CUID-CDM1230-03A-01MRA-1M-67 Datasheet
327Kb / 3P
M12 CABLE
08/05/2022
CDM1230-03A-01MRA-2M-67 CUID-CDM1230-03A-01MRA-2M-67 Datasheet
327Kb / 3P
M12 CABLE
08/05/2022
CDM1230-03A-01MRA-3M-67 CUID-CDM1230-03A-01MRA-3M-67 Datasheet
327Kb / 3P
M12 CABLE
08/05/2022
CDM1230-04A-01MRA-1M-67 CUID-CDM1230-04A-01MRA-1M-67 Datasheet
327Kb / 3P
M12 CABLE
08/05/2022
More results

Similar Description - CDM1230

ManufacturerPart #DatasheetDescription
logo
Schneider Electric
XGSZ12E1203 SCHNEIDER-XGSZ12E1203 Datasheet
76Kb / 3P
OsiSense XG cable M12/M12 D coded - Ethernet - 3m
Jan 7, 2021
logo
TE Connectivity Ltd
3-1773983-2 TEC-3-1773983-2 Datasheet
2Mb / 28P
M8/M12 CABLE ASSEMBLIES
logo
CUI INC
CDM1228 CUI-CDM1228 Datasheet
362Kb / 3P
M12 CABLE
04/11/2022
CDM1229 CUI-CDM1229 Datasheet
342Kb / 3P
M12 CABLE
04/11/2022
CDM1231 CUI-CDM1231 Datasheet
343Kb / 3P
M12 CABLE
04/11/2022
logo
CUI Devices
CDM1224 CUID-CDM1224 Datasheet
340Kb / 3P
M12 CABLE
08/05/2022
logo
FIBOX Enclosing innovat...
3545078 FIBOX-3545078 Datasheet
221Kb / 2P
EPDM Cable gland M12
16.08.2023
3545088 FIBOX-3545088 Datasheet
393Kb / 2P
Chloroprene Cable gland M12
16.08.2023
3545278 FIBOX-3545278 Datasheet
160Kb / 2P
EPDM Cable gland M12
16.08.2023
3545288 FIBOX-3545288 Datasheet
394Kb / 2P
Chloroprene Cable gland M12
16.08.2023
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com