Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS1027 Datasheet(PDF) 15 Page - List of Unclassifed Manufacturers

Part # CS1027
Description  MAGNETIC POWDER CORES
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

CS1027 Datasheet(HTML) 15 Page - List of Unclassifed Manufacturers

Back Button CS1027 Datasheet HTML 11Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 12Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 13Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 14Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 15Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 16Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 17Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 18Page - List of Unclassifed Manufacturers CS1027 Datasheet HTML 19Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 42 page
background image
Magnetic Powder Cores :::
28
27 ::: Chang Sung Corporation
OD063
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
6.35
2.79
2.79
(inch)
0.250
0.110
0.110
After coating
(mm)
6.99
2.29
3.43
(parylene-C)
(inch)
0.275
0.090
0.135
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0470cm2
1.361cm
0.0412cm2
0.064219cm3
0.00729in2
0.536in
8,100cmil
0.003919in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
24
25
26
27
28
29
30
31
32
0.0566
0.0505
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
8
10
11
13
14
16
19
21
23
0.0132
0.0183
0.0253
0.0346
0.0482
0.0653
0.0918
0.126
0.170
33
34
35
36
37
38
39
40
41
0.0216
0.0191
0.0170
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
26
30
34
38
42
47
54
61
68
0.238
0.337
0.470
0.650
0.880
1.24
1.82
2.59
3.50
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
-
CM063060
-
-
CM063125
CM063147
CM063160
CM063173
CM063200
-
CH063060
-
-
CH063125
CH063147
CH063160
-
-
-
CS063060
CS063075
CS063090
CS063125
-
-
-
-
-
CK063060
CK063075
CK063090
-
-
-
-
-
-
24
30
36
50
59
64
69
80
26
60
75
90
125
147
160
173
200
ID 2.79mm
HT 2.79mm
OD 6.35mm / 0.250inch
AL vs NI Curve (60μ, 125μ)
OD046
Core Dimensions
OD(max)
ID(min)
HT(max)
Before coating
(mm)
4.65
2.36
2.54
(inch)
0.183
0.093
0.100
After coating
(mm)
4.85
2.16
2.74
(parylene-C)
(inch)
0.191
0.085
0.108
Magnetic Dimensions
Cross Section
Path Length
Window Area
Volume
(A)
( )
(Wa)
(V)
0.0285cm2
1.060cm
0.029cm2
0.0302cm3
0.00442in2
0.418in
5,780cmil
0.001837in3
Winding Information
Single layer winding with 1 inch leads
AWG Wire
Single Layer
AWG Wire
Single Layer
No. Dia(cm)
Turn Rdc,
No. Dia(cm)
Turn Rdc,
26
27
28
29
30
31
32
33
34
0.0452
0.0409
0.0366
0.0330
0.0294
0.0267
0.0241
0.0216
0.0191
9
10
12
13
15
17
19
22
25
0.0205
0.0280
0.0388
0.0524
0.0734
0.101
0.135
0.188
0.266
35
36
37
38
39
40
41
42
43
0.0170
0.0152
0.0140
0.0124
0.0109
0.0096
0.00863
0.00762
0.00685
28
31
35
39
45
51
57
64
71
0.371
0.511
0.691
0.968
1.42
2.02
2.73
3.83
5.42
Available Cores
Part No.
MPP
High Flux
Sendust
Mega Flux
Perm.
(μ)
AL
(nH/N2)
-
CM046060
-
-
CM046125
CM046147
CM046160
-
-
-
CH046060
-
-
CH046125
-
-
-
-
-
CS046060
CS046075
CS046090
CS046125
-
-
-
-
-
CK046060
CK046075
CK046090
-
-
-
-
-
-
20
25
30
42
49
53
-
-
26
60
75
90
125
147
160
173
200
ID 2.36mm
HT 2.54mm
AL vs NI Curve (60μ, 125μ)
OD 4.65mm / 0.183inch



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com