Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RF3816 Datasheet(PDF) 1 Page - RF Micro Devices

Part # RF3816
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF3816 Datasheet(HTML) 1 Page - RF Micro Devices

  RF3816 Datasheet HTML 1Page - RF Micro Devices RF3816 Datasheet HTML 2Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4-1
Product Description
Ordering Information
Typical Applications
Features
Functional Block Diagram
RF Micro Devices, Inc.
7628 Thorndike Road
Greensboro, NC 27409, USA
Tel (336) 664 1233
Fax (336) 664 0454
http://www.rfmd.com
Optimum Technology Matching® Applied
Si BJT
GaAs MESFET
GaAs HBT
Si Bi-CMOS
SiGe HBT
Si CMOS
InGaP/HBT
GaN HEMT
SiGe Bi-CMOS
13
2
4
RF OUT
RF IN
GND
GND
MARKING - R1
RF3816
CASCADABLE BROADBAND
GaAs MMIC AMPLIFIER DC TO 6GHz
• Cellular Basestation Amplifiers and
Transceivers
• Gain Stage or Driver Amplifiers for Linear and
Saturated Amplifiers
• Narrow and Broadband Commercial and
Military Radio Designs
The RF3816 is a high-performance InGaP/GaAs general
purpose RF and microwave gain block amplifier. This
50
Ω amplifier is based on a reliable HBT MMIC design,
providing unsurpassed performance for many small-sig-
nal applications. Designed with an external bias resistor,
the RF3816 provides high output power and high gain
over broad frequency range. This low-cost amplifier is
packaged in a thermally efficient, industry standard,
ceramic Micro-X package providing excellent ThetaJC
performance.
• Reliable, Low-Cost HBT Design
• 12.1dB Gain, +17.3dBm P1dB@1.0GHz
• High P1dB of +14.7dBm@6.0GHz
• Single 6V Power Supply Operation
•50
Ω I/O Matched
• Thermally-Efficient Package
RF3816
Cascadable Broadband GaAs MMIC Amplifier DC to
6GHz (Bulk: 25 piece increment)
RF3816SB
5-piece Sample Bag
RF3816SR
100-piece Reel
RF3816TR7
7” Reel (1,000 pieces)
RF3816PCBA-410 Evaluation Board
0
Rev A2 041013
NOTES:
1. Shaded lead is pin 1.
2. Darkened areas are metallization.
0.070
sq.
45°
+ 1°
0.055
+ 0.005
0.020
+ 0.002
0.040
+ 0.002
0.200 sq.
Typ
Package Style: Micro-X, 4-Pin, Ceramic
Proposed
NOT FOR NEW DESIGNS


Similar Part No. - RF3816

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF3800 RFMD-RF3800 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
59Kb / 2P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800PCBA-416 RFMD-RF3800PCBA-416 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
RF3800 RFMD-RF3800_07 Datasheet
1Mb / 12P
GaAs HBT PRE-DRIVER AMPLIFIER
More results

Similar Description - RF3816

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-300 RFMD-NBB-300 Datasheet
283Kb / 11P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-400 RFMD-NBB-400_07 Datasheet
279Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 8GHz
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-400 RFMD-NLB-400 Datasheet
263Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 6GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-400 RFMD-NLB-400_13 Datasheet
998Kb / 9P
Cascadable Broadband GaAs MMIC Amplifier DC to 6GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com