| Electronic Components Datasheet Search |
|
USB2512A Datasheet(PDF) 55 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
USB2512A Datasheet(HTML) 55 Page - Microchip Technology |
|
55 / 57 page ![]() 2010 - 2015 Microchip Technology Inc. DS00001692C-page 55 USB251xB/xBi PRODUCT IDENTIFICATION SYSTEM The USB251xB/xBi is available in a 36-pin SQFN (preferred) and 36-pin QFN (legacy) package. For new designs, the 36-pin SQFN is recommended. The ordering code information varies dependent on the package selected. The following sub-sections detail the product identification system for the 36-pin SQFN (preferred) and 32-pin QFN (legacy). To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office. 36-Pin SQFN (Preferred) 36-Pin QFN (Legacy) * Add “-TR” to the end of any QFN order number to order tape and reel. Reel size is 3,000 pieces. Order Numbers* ROHS Compliant Package Package Size (mm) Temperature Range USB2512B-AEZG USB2513B-AEZC USB2514B-AEZC 36-QFN 6x6 0ºC to 85ºC USB2512Bi-AEZG USB2513Bi-AEZG USB2514Bi-AEZG -40ºC to 85ºC Device: USB2512B = 2-Port USB 2.0 Hub USB2513B = 3-Port USB 2.0 Hub USB2514B = 4-Port USB 2.0 Hub Tape and Reel Option: Blank = Standard packaging (tray) T = Tape and Reel (Note 1) Temperature Range: Blank = 0 C to +85C (Extended Commercial) I= -40 C to +85C (Industrial) Package: M2 = 36-pin SQFN Examples: a) USB2512B/M2 2-Port USB hub, Tray, Extended com- mercial temp, 36-pin SQFN b) USB2514BT-I/M2 4-Port USB hub, Tape & reel, Industrial temp., 36-pin SQFN Note 1: Reel size is 3,000 pieces. Tape and Reel identifier only appears in the catalog part number description. This identifier is used for ordering pur- poses and is not printed on the device package. Check with your Microchip Sales Office for package availability with the Tape and Reel option. PART NO. Device Tape and Reel Option / Temperature Range XX [X](1) [-X] Package |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |