Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GAMW2V040EST Datasheet(PDF) 6 Page - Galaxy Power, Inc.

Part # GAMW2V040EST
Description  48V Input, 2.0VDC, 40A Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GAMW2V040EST Datasheet(HTML) 6 Page - Galaxy Power, Inc.

  GAMW2V040EST Datasheet HTML 1Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 2Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 3Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 4Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 5Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 6Page - Galaxy Power, Inc. GAMW2V040EST Datasheet HTML 7Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
GAMW2V040 – 6
WWW.GALAXYPWR.COM
Part No. 02-GAM-04 Rev. 1.0 – 042805
Galaxy Power Inc.
155 Flanders Road
Westborough, MA 01581
Telephone: 508-870-9775
Fax: 508-870-9796
e-mail: info@galaxypwr.com
GAMW2V040 Operation
Back Bias
1) Vout 500mV/div 2mS/div
Over-current Protection
2.5
2.0
1.5
1.0
0.5
0
40
46
Output Current (A)
41
43
42
45
44
Note: Over-current protection is blip-mode (aka hiccup).
36V Vin
48V Vin
75V Vin
Over Voltage Protection
1) Vout 0.5V/div 0.25mS/div
45
40
35
30
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Thermal Derating
Crosswise Airflow
45
40
35
30
25
20
15
10
5
0
020
30
80
90
Ambient Temperature (°C)
300 LFM
200 LFM
100 LFM
10
40
70
50
60
Thermal Derating
Lengthwise Airflow



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com