Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPDC2V520RMSRT002 Datasheet(PDF) 2 Page - Galaxy Power, Inc.

Part # GPDC2V520RMSRT002
Description  DORADO 24V or 48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 20A Output or 5.0V DC, 15A Output
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

GPDC2V520RMSRT002 Datasheet(HTML) 2 Page - Galaxy Power, Inc.

  GPDC2V520RMSRT002 Datasheet HTML 1Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 2Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 3Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 4Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 5Page - Galaxy Power, Inc. GPDC2V520RMSRT002 Datasheet HTML 6Page - Galaxy Power, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Dorado, Page 2
Part No. 01-002 Rev. 1.0–110802
PRODUCT PREVIEW
General Specifications
Operating Temperature
-40
°C to +100°C
Storage Temperature
-55
°C to +125°C
Relative Humidity
10% to 95% RH,
Non-condensing
Vibration
2 to 9Hz, 3mm disp.,
9 to 200Hz 1g
Material Flammability
UL V-0
Weight
30 grams
MTBF
Telcordia (Bellcore)
2,000,000 hours
General Specifications
VIN = 48VDC, TA@25°C, 300 LFM Airflow, VOUT = 3.3V, IOUT = full load unless otherwise noted.
Available output power depends on ambient temperature and good thermal management. (See application graphs for limits.)
Input Characteristics
Parameter
Min
Typ
Max
Units
Operating Input Voltage
36
48
75
VDC
Input Current
4A
Input Capacitance
2
µF
Input Hysteresis, Low Line
2
VDC
Output Characteristics
Regulation Over Line, Load & Temperature
98
102
%VNOM
Voltage Ripple
20
mV RMS
Voltage Ripple, 20MHz BW
100
mV P–P
Current Range
0
20
A
Current Limit Inception
22
27
A
Short Circuit Current, Peak (see Note below)
30
A
Output Transient Response, 50% to 75% load change, 1A/
µsec
5
%VOUT
Settling Time to
±1%
300
µS
Turn-on Time to 98%Vnom
30
mS
Output Overshoot at Turn-on
1
%VOUT
Trim Range
60
110
%VOUT
Overvoltage Protection, Latching
130
%VOUT
Isolation
Isolation Test Voltage, Input/Output (Basic)
2000
VDC
Isolation Resistance
10
M
Ω
Features
Overtemperature Protection, Thermal Sensor, Latching*
117
°C
Switching Frequency, Fixed
300
kHz
Notes: During short circuit, converter will shut down and attempt to restart once per second. The average current during this
condition will be very low and the device can be safely left in this condition continuously. For specific output voltage
specifications, see the corresponding detailed data sheet.
*PCB less than 130
°C
Approvals and Standards
UL and c-UL Recognized Component, TUV,
UL60950, CSA 22.2 No. 950, IEC/EN 60950**
EMC Characteristics:
Designed to meet emission and immunity
requirements per EN55022, CISPR 22, Class B,
and CISPR 24.
** An external fuse shall be used to comply with the
requirements.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com