Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1722 Datasheet(PDF) 19 Page - Galaxy Power, Inc.

Part # ICS1722
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722 Datasheet(HTML) 19 Page - Galaxy Power, Inc.

Back Button ICS1722 Datasheet HTML 15Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 16Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 17Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 18Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 19Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 20Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 21Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 22Page - Galaxy Power, Inc. ICS1722 Datasheet HTML 23Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 24 page
background image
19
ICS1722
IMPORTANT NOTICE
Galaxy Power Incorporated makes no claim about the capability of any particular battery (NiCd or NiMH) to accept a fast charge. GPI
strongly recommends that the battery manufacturer be consulted before fast charging. GPI shall be held harmless for any misapplication of
this device such as: exceeding the rated specifications of the battery manufacturer; charging batteries other than nickel-cadmium or nickel-
metal hydride type; personal or product damage caused by the charging device, circuit, or system itself; unsafe use, application, and/or
manufacture of a charging system using this device.
GPI reserves the right to make changes in the device data identified in this publication without further notice. GPI advises its customers to
obtain the latest version of all device data to verify that any information being relied upon by the customer is current and accurate.
GPI does not assume any liability arising out of or associated with the application or use of any product or integrated circuit or component
described herein. GPI does not convey any license under its patent rights or the patent rights of others described herein. In the absence of a
written or prior stated agreement to the contrary, the terms and conditions stated on the back of the GPI order acknowledgment obtain.
GPI makes no warranty of any kind with regard to this material, including, but not limited to, the implied warranties of merchantability and
fitness for a particular purpose.
GPI products are not designed, intended, or authorized for use as components in systems intended for surgical implant into the body, or other
applications intended to support or sustain life, or for any nuclear facility application, or for any other application in which the failure of the
GPI product(s) could create a situation where personal injury or death may occur. GPI will not knowingly sell its products for use in such
applications, and the buyer shall indemnify and hold harmless GPI and its officers, employees, subsidiaries, affiliates, representatives and
distributors against all claims, costs, damages, expenses, tort and attorney fees arising out of directly or indirectly, any claim of personal
injury or death associated with such unintended or unauthorized use, even if such claim alleges that GPI was negligent regarding the design
or manufacture of the part.
COPYRIGHT © 1998 Galaxy Power Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com