Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICS1722S Datasheet(PDF) 1 Page - Galaxy Power, Inc.

Part # ICS1722S
Description  QuickSaver-R Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GALAXY [Galaxy Power, Inc.]
Direct Link  http://www.galaxypwr.com
Logo GALAXY - Galaxy Power, Inc.

ICS1722S Datasheet(HTML) 1 Page - Galaxy Power, Inc.

  ICS1722S Datasheet HTML 1Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 2Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 3Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 4Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 5Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 6Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 7Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 8Page - Galaxy Power, Inc. ICS1722S Datasheet HTML 9Page - Galaxy Power, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ICS1722
QuickSaver® Charge Controller for Nickel-Cadmium
and Nickel-Metal Hydride Batteries
General Description
The ICS1722 is a CMOS device designed for the intelligent charge
control of either nickel-cadmium (NiCd) or nickel-metal hydride
(NiMH) batteries. The controller uses a pulsed-current charging
technique together with voltage slope termination. The ICS1722
employs a four stage charge sequence that provides a complete
recharge without overcharging. The controller has nine user-
selectable charge rates and six user-selectable auxiliary modes
available for customized charging systems.
The ICS1722 monitors for the presence of a battery and begins
charging when a battery is installed. The ICS1722 is for
applications where temperature sensing is not required by the
charge controller.
Applications
Battery charging systems for:
- Portable consumer electronics
- Power tools
- Audio/video equipment
- Communications equipment
Features
•
Charge termination methods include:
-
Voltage slope
-
Charge timers
•
Four stage charge sequence:
-
Soft start charge
-
Fast charge
-
Topping charge
-
Maintenance charge
•
Reverse-pulse charging available in all charge stages
•
Nine programmable charge rates between 15 minutes (4C)
•
and four hours (C/4)
•
Continuous polling mode for battery detection
•
Six auxiliary modes include:
-
Discharge-before-charge
-
Ten hour C/10 conditioning charge
-
Direct to C/40 maintenance charge
-
Charging system test provided through controller
•
Adjustable open circuit (no battery) voltage reference
Block Diagram
CHARGE
DISCHARGE
SELECT
CHARGE
VOLTAGE
SENSE
MODE SELECT
OPEN CIRCUIT
REFERENCE
PROCESSOR
MICROCODE CONTROL
ADC
RAM
ROM
OUTPUT
CONTROL
0.5V
RESET
CHARGE
MODE LED
MAINTENANCE
MODE LED
POLLING
MODE LED
CONTROL
CONTROL
RC
OSCILLATOR


Similar Part No. - ICS1722S

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
ICS172611 ICST-ICS172611 Datasheet
164Kb / 7P
Low EMI Clock Generator
Revision 092905
ICS1726G-11 ICST-ICS1726G-11 Datasheet
164Kb / 7P
Low EMI Clock Generator
Revision 092905
ICS1726G-11LF ICST-ICS1726G-11LF Datasheet
164Kb / 7P
Low EMI Clock Generator
Revision 092905
ICS1726G-11LFT ICST-ICS1726G-11LFT Datasheet
164Kb / 7P
Low EMI Clock Generator
Revision 092905
ICS1726G-11T ICST-ICS1726G-11T Datasheet
164Kb / 7P
Low EMI Clock Generator
Revision 092905
More results

Similar Description - ICS1722S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ICS1702 ETC-ICS1702 Datasheet
466Kb / 28P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
ICS1700A ETC-ICS1700A Datasheet
204Kb / 24P
QuickSaver Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Sanyo Semicon Device
LA5614M SANYO-LA5614M Datasheet
75Kb / 5P
Charging IC for Nickel - Cadmium and Nickel Metal Hydride Batteries
logo
List of Unclassifed Man...
ICS1708 ETC-ICS1708 Datasheet
936Kb / 16P
QuickSaver Charge Control IC for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Galaxy Power, Inc.
ICS1712 GALAXY-ICS1712 Datasheet
635Kb / 28P
Charge Controller for Nickel-Cadmium and Nickel-Metal Hydride Batteries
logo
Panasonic Battery Group
HHR60AAAH PANASONICBATTERY-HHR60AAAH Datasheet
28Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR120AA PANASONICBATTERY-HHR120AA Datasheet
24Kb / 1P
NICKEL METAL HYDRIDE BATTERIES
HHR210AH PANASONICBATTERY-HHR210AH Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR300SCP PANASONICBATTERY-HHR300SCP Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
HHR380A PANASONICBATTERY-HHR380A Datasheet
25Kb / 1P
NICKEL METAL HYDRIDE BATTERIES:
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com