Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMCL2104FZG-D Datasheet(PDF) 6 Page - DDK Ltd.

Part # JMCL2104FZG-D
Description  Circular Connectors for Solder Terminations Conforming to JIS-C-5432
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

JMCL2104FZG-D Datasheet(HTML) 6 Page - DDK Ltd.

  JMCL2104FZG-D Datasheet HTML 1Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 2Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 3Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 4Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 5Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 6Page - DDK Ltd. JMCL2104FZG-D Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Unit:mm
http://www.ddknet.co.jp
JM Series
6
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
1303
2104
1305
1607
2107
1610
2110
2116
2119
2516
2524
2528
2532
3.5
0.8
2.1
2.1
□20
+0.1
-0
+0.2
-0
2.1
2.1
□23
4.2
4.2
3
3
□23
1.5
1.5
4.5
4.5
2.65
2.65
□26
5.3
5.3
3
3
□20
1.5
1.5
2.9
2.9
□26
4.2
4.2
□26
6.3
6.3
2.1
2.1
4.5
4.5
□26
6
6
3
3
1.5
1.5
4.5
4.5
□26
6
6
3
3
1.5
1.5
4.5
4.5
□29
6.0
6.0
3.0
3.0
1.5
1.5
7.5
7.5
□29
5.4
5.4
2.1
2.1
8.4
8.4
1.9
1.9
3.9
3.9
6.9
6.9
4.5
4.5
□29
6.0
6.0
3.0
3.0
1.5
1.5
7.5
7.5
6.3
6.3
□29
8.4
8.4
4.2
4.2
2.1
2.1
Note : DIP soldering should be made with a mating half connector mated.
DIP Type
Solder Type
Shell Size
A
B (max.)
C 0.3
E 0.2
F 0.5
φG
J 0.5
13
M181
20.4
16
20
26
13.0
2.5
16
M221
20.4
20
23
29
16.6
2.5
21
M261
20.4
24
26
32
20.8
2.5
25
M301
21.6
28
29
35
25
1.3
○ Box Mounting Receptacle
○ JMR DIP Solder PCB Mounting Dimensions
P/N : JMR1303M □ GD-D
②③ ④
⑤ ⑥⑦
① Connector Style
R : Box Mounting Receptacle
② Shell Size
13, 16, 21 and 25
③ Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
④ Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
⑤ Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
⑥ Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
⑦ Contact Tail
Omit : Solder
D : DIP Solder
⑧ Finish
D:Trivalent Chromium Treatment(Black)
⑧
①
+0.2
-0



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com