Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

JMCL2104FYD-D Datasheet(PDF) 2 Page - DDK Ltd.

Part # JMCL2104FYD-D
Description  Circular Connectors for Solder Terminations Conforming to JIS-C-5432
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DDK [DDK Ltd.]
Direct Link  http://www.ddknet.co.jp/English/index.html
Logo DDK - DDK Ltd.

JMCL2104FYD-D Datasheet(HTML) 2 Page - DDK Ltd.

  JMCL2104FYD-D Datasheet HTML 1Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 2Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 3Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 4Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 5Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 6Page - DDK Ltd. JMCL2104FYD-D Datasheet HTML 7Page - DDK Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
http://www.ddknet.co.jp
JM Series
2
◎ Specifications and/or dimensions in this catalog are subject to change without notice. ◎ Your checking the latest specifications with our drawings would be highly appreciated.
○Insert Arrangement List
Shell Size
13
16
21
Number of
Contacts
357
10
4
7
10
Insert
Arrnagement
Insert No.
1303
1305
1607
1610
2104
2107
2110
Shell Size
21
25
Number of
Contacts
16
19
16
24
28
32
Insert
Arrnagement
Insert No.
2116
2119
2516
2524
2528
2532
○ Alternate Insert Positions
θ1
θ2
θ3
XY
Z
13
3
30
60
180
5
45
90
315
16
7
30
135
10
45
90
315
21
4
30
135
7
30
135
10
45
90
315
16
45
90
315
19
45
90
315
25
16
45
90
315
24
45
90
315
28
45
90
315
32
45
90
315
Number of
Contacts
AIternate
nsert
Position
Change Angle
1
2
3
4
5
1
2
3
12
34
5
6
7
12
3
4
5
6
7
8
9
10
12
34
12
34
5
67
12
3
45
6
7
89
10
1
23
4
5
6
78
9
10
11
12
13
14
15
16
12
3
45
6
7
89
10
11
12
13
14
15
16
17
18
19
12
3
4
56
7
8
9
10
11
12
13
14
15
16
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
1
2
34
5
6
7
89
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
−
5
0
2
8
0
2
12
3
4
56
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
A
B
C
D
0 −
13 005
X
Z
Y
θ1
θ3
Y
X
Z
Master Key
Alternate
Position Mark
Pin Contact
●・・・・φ 1.0mm Contact (#20 Contact),  ○・・・・φ 1.6mm Contact (#16 Contact)
Note : Front view of pin insert or rear view of socket insert
Normal key position illustrated.
Shell
Size
Front View of Pin Insert or
Rear View of Socket Insert
JMSP1303M □ GM-D
Connector Style
SP : Straight Plug
LP : Right Angle Plug
WR : Wall Mounting Receptacle
WL : Right Angle Wall Mounting Receptacle
CR : Cable Connecting Receptacle
CL : Right Angle Cable Receptacle
R : Box Mounting Receptacle
Shell Size
13, 16, 21 and 25
Number of Contacts
03, 04, 05, 07, 10, 16, 19, 24, 28 and 32
Contact Style
M : Male Contact(Pin)
F : Female Contact(Socket)
Finish
D:Trivalent Chromium Treatment(Black)
Tail Style / Hood Material
Omit : Solder Cup/Plastic Hood
D : Dip solder Tail (Shell Style R Only)
M : Solder Cup/Metal Hood
Contact Plating
Omit : Silver Plating (Standard)
G : Gold Plating
Alternate Insert Position
Omit : Standard Position
X, Y, Z : Alternate Insert Position
Example part number shown
○ Part Numbering System



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com