| Electronic Components Datasheet Search |
|
HT49CV5 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT49CV5 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc |
|
3 / 48 page ![]() Pin Assignment Note: Each VDD (VSS) pins must be connected to the power (ground) of the system. Pin Description Pin Name I/O Options Description PA0/BZ PA1/BZ PA2 PA3/PFD PA4~PA7 I/O Wake-up Pull-high Buzzer PFD Bidirectional 8-bit input/output port. Each bit can be configured as a wake-up input by configuration option. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (deter- mined by pull-high options: bit option). Pins PA0, PA1 and PA3 are pin-shared with BZ, BZ and PFD, respectively. PB0/AN0~ PB3/AN3 I/O Pull-high Bidirectional 4-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (determined by pull-high option: bit option) or A/D input. Once a PB line is se- lected as an A/D input (by using software control), the I/O function and pull-high resistor are disabled automatically. PC6 PC7/RMT I/O Pull-high Bidirectional 2-bit input/output port. Software instructions determine if the pin is a CMOS output or Schmitt trigger input with or without pull-high resistor (determined by pull-high option: bit option). RMT with wake-up function (both rising and falling edge) and Schmitt trigger input with or without a pull-high re- sistor (determined by pull-high option). Note:The RMT is pin-shared with PC7. When PC7/RMT pin uses as the input mode of RMT function , suggesting the user to set PC7 as input mode for safety. And so that I/O function of PC7 will not influence the RMT input func- tion. HT49RV5/HT49CV5 Rev. 1.20 3 April 14, 2006 O S C 2 O S C 1 R E S P A 0 / B Z P A 1 / B Z P A 2 P A 3 / P F D P A 4 P A 5 P A 6 P A 7 P B 0 / A N 0 P B 1 / A N 1 P B 2 / A N 2 P B 3 / A N 3 V S S P D 0 / P W M 0 P D 1 / P W M 1 P D 4 / I N T 0 P D 5 / I N T 1 P D 6 / T M R 0 P D 7 / T M R 1 V S S P C 6 P C 7 / R M T S E G 0 S E G 1 S E G 2 V D D O S C 3 O S C 4 S D I S D O S C K S C S G R I D 0 G R I D 1 G R I D 2 G R I D 3 G R I D 4 G R I D 5 V D D V E E S E G 1 5 / G R I D 6 S E G 1 4 / G R I D 7 S E G 1 3 / G R I D 8 S E G 1 2 / G R I D 9 S E G 1 1 / G R I D 1 0 S E G 1 0 S E G 9 S E G 8 S E G 7 S E G 6 S E G 5 S E G 4 S E G 3 5 6 5 5 5 4 5 3 5 2 5 1 5 0 4 9 4 8 4 7 4 6 4 5 4 4 4 3 4 2 4 1 4 0 3 9 3 8 3 7 3 6 3 5 3 4 3 3 3 2 3 1 3 0 2 9 1 2 3 4 5 6 7 8 9 1 0 1 1 1 2 1 3 1 4 1 5 1 6 1 7 1 8 1 9 2 0 2 1 2 2 2 3 2 4 2 5 2 6 2 7 2 8 H T 4 9 R V 5 / H T 4 9 C V 5 5 6 S S O P - A |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |