Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT7730 Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT7730
Description  PFM Step-up DC/DC Converter
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT7730 Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT7730 Datasheet HTML 1Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 2Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 3Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 4Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 5Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 6Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 7Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 8Page - Holtek Semiconductor Inc HT7730 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics
HT7727, +2.7V Output Type
VIN=VOUT
´0.6; IOUT=10mA; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
¾
2.633
2.7
2.767
V
VIN
Input Voltage
¾¾
¾
6V
VSTART
Start-up Voltage
VIN:0
®2V; IOUT=1mA
¾
0.6
0.7
V
VHOLD
Minimum Hold-on Voltage
VIN:2
®0V; IOUT=1mA
¾¾
0.7
V
IIN
No load Input Current
Measured at no load
¾
10
¾mA
IDD1
Supply Current 1
VIN=VOUT
´0.95
Measured at VOUT pin
¾
40
¾mA
IDD2
Supply Current 2
VIN=VOUT+0.5V
Measured at VOUT pin
¾
47
mA
ISHDN
Shutdown Current
VCE=VIL,VIN=VOUT
´0.95
¾
0.5
¾mA
ILEAK
LX Leakage Current
VIN=6V
¾¾
0.9
mA
fOSC
Maximum Oscillator Frequency
VIN=VOUT
´0.95
Measured at LX pin
¾
115
¾
kHz
h
Efficiency
¾¾
85
¾
%
DOSC
Oscillator Duty Cycle
VIN=VOUT
´0.95
Measured at LX pin
65
75
85
%
HT7730, +3.0V Output Type
VIN=VOUT
´0.6; IOUT=10mA; Ta=25°C (Unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VOUT
Output Voltage
¾
2.925
3
3.075
V
VIN
Input Voltage
¾¾
¾
6V
VSTART
Start-up Voltage
VIN:0
®2V; IOUT=1mA
¾
0.6
0.7
V
VHOLD
Min. Hold-on Voltage
VIN:2
®0V; IOUT=1mA
¾¾
0.7
V
IIN
No load Input Current
Measured at no load
¾
10
¾mA
IDD1
Supply Current 1
VIN=VOUT
´0.95
Measured at VOUT pin
¾
48
¾mA
IDD2
Supply Current 2
VIN=VOUT+0.5V
Measured at VOUT pin
¾
47
mA
ISHDN
Shutdown Current
VCE=VIL,VIN=VOUT
´0.95
¾
0.5
¾mA
ILEAK
LX Leakage Current
VIN=6V
¾¾
0.9
mA
fOSC
Maximum Oscillator Frequency
VIN=VOUT
´0.95
Measured at LX pin
¾
115
¾
kHz
h
Efficiency
¾¾
85
¾
%
DOSC
Oscillator Duty Cycle
VIN=VOUT
´0.95
Measured at LX pin
65
75
85
%
HT77XX
Rev 1.10
3
March 7, 2006



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com