Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDD600 Datasheet(PDF) 1 Page - Solid State Optronic

Part # SDD600
Description  DC Input Optocoupler
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

SDD600 Datasheet(HTML) 1 Page - Solid State Optronic

  SDD600 Datasheet HTML 1Page - Solid State Optronic SDD600 Datasheet HTML 2Page - Solid State Optronic SDD600 Datasheet HTML 3Page - Solid State Optronic SDD600 Datasheet HTML 4Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
SDD600
DC Input
Optocoupler
The SDD600 consists of a photo Darlington transistor optically coupled to a light emitting diode. Optical coupling between the input LED
and output phototransistor allows for high isolation levels while maintaining low-level DC signal control capability. The SDD600 provides an
optically isolated method of controlling many interface applications such as telecommunications, industrial control and instrumentation
circuitry.
DESCRIPTION
FEATURES
APPLICATIONS
OPTIONS/SUFFIXES
SCHEMATIC DIAGRAM
MAXIMUM RATINGS
APPROVALS
High current transfer ratio
(with Vce=300V MIN)
High input-to-isolation package (5000 Vrms)
Compact dual-in-line package
System appliances, measuring instruments
Industrial robots
Copiers, automated vending machines
Signal transmission between varying circuits
Telephone sets
Fax machines
Interface with various power supply circuits
Numerical control machines
Surface Mount Option
-S
Tape and Reel Option
-TR
PARAMETER
UNIT
MIN
TYP
MAX
Forward Current (If)
mA
50
Peak Forward Current
A
1
Reverse Voltage
V
6
Total Power Dissipation
mW
200
Storage Temperature
°C
-55
125
Operating Temperature
°C
-40
100
UL & C-UL Approved File # E201932
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com
1. Anode
2. Cathode
3. NC
4. Emitter
5. Collector
6. Base


Similar Part No. - SDD600

ManufacturerPart #DatasheetDescription
logo
Solid State Inc
SDD600 SOLIDSTATE-SDD600 Datasheet
603Kb / 10P
High Load Voltage (VCEO = 300V MIN)
Rev 2.00
logo
Solid State Optronic
SDD600 SSOUSA-SDD600_15 Datasheet
603Kb / 10P
Low input power consumption
More results

Similar Description - SDD600

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SDT800 SSOUSA-SDT800 Datasheet
536Kb / 4P
DC Input Dual Optocoupler
SDT450 SSOUSA-SDT450 Datasheet
634Kb / 6P
DC Input Optocoupler
SDT600 SSOUSA-SDT600 Datasheet
689Kb / 6P
DC Input Optocoupler
SDD451 SSOUSA-SDD451 Datasheet
691Kb / 4P
DC Input Optocoupler
SDD601 SSOUSA-SDD601 Datasheet
339Kb / 4P
DC Input Optocoupler
SDD800 SSOUSA-SDD800 Datasheet
587Kb / 6P
DC Input Optocoupler
SDD1600 SSOUSA-SDD1600 Datasheet
284Kb / 4P
DC Input Quad Optocoupler
SDT400 SSOUSA-SDT400 Datasheet
645Kb / 6P
DC Input Optocoupler
SDT470 SSOUSA-SDT470 Datasheet
523Kb / 3P
DC Input Optocoupler
SDT1600 SSOUSA-SDT1600 Datasheet
311Kb / 4P
DC Input Quad Optocoupler
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com