Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STS700 Datasheet(PDF) 2 Page - Solid State Optronic

Part # STS700
Description  Multifunction Telecommunications Switch
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSOUSA [Solid State Optronic]
Direct Link  http://www.ssousa.com
Logo SSOUSA - Solid State Optronic

STS700 Datasheet(HTML) 2 Page - Solid State Optronic

  STS700 Datasheet HTML 1Page - Solid State Optronic STS700 Datasheet HTML 2Page - Solid State Optronic STS700 Datasheet HTML 3Page - Solid State Optronic STS700 Datasheet HTML 4Page - Solid State Optronic STS700 Datasheet HTML 5Page - Solid State Optronic  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
STS700
Multifunction
Telecommunications Switch
ELECTRICAL CHARACTERISTICS - 25°
PARAMETER
UNIT
MIN
TYP
MAX
TEST CONDITIONS
RELAY INPUT SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
LED Reverse Voltage
V
612
Ir = 10uA
Turn-On Current
m
10
5
Io = 120mA
A
Turn-Off Current
m
0.5
A
RELAY OUTPUT
SPECIFICATIONS
Blocking Voltage
V
400
Io = 10uA
Continuous Load Current
m
120
If = 10mA
A
On-Resistance
Ω
25
35
Io = 120mA
Leakage Current
µ
0.7
10
Vo = 400V
A
Output Capacitance
p
25
50
Vo = 25V, f = 1.0MHz
F
Offset Voltage
m
0.2
If = 10mA
V
Turn-On Time
m
2
5
If = 10mA, Io = 120mA
s
Turn-Off Time
m
0.5
1
If = 10mA, Io = 120mA
s
PHOTOTRANSISTOR INPUT
SPECIFICATIONS
LED Forward Voltage
V
1.2
1.5
If = 10mA
Turn-On Current
m
2
Io = 0.5mA
A
PHOTOTRANSISTOR OUTPUT
SPECIFICATIONS
Breakdown Voltage
V
60
Io = 10uA
Leakage Current
n
500
Vce = 20V
A
Collector-Emitter Capacitance
p
6
Vce = 0V, f = 1kHz
F
Saturation Voltage
V
0.5
Io = 5mA
Current Transfer Ratio
%
30
100
800
If = 2mA, Vce = 5V
COUPLED SPECIFICATIONS
Isolation Voltage
V
1500
T = 1 minute
-H Suffix
V
2500
T = 1 minute
Contact Transient Ratio
V
2000
7000
dV = 50V
/
µ s
FULL WAVE BRIDGE RECTIFIER
Reverse Voltage
V
100
Io = 10uA
Forward Voltage Drop
V
1.5
1.8
Io = 120mA
Reverse Leakage Current
µ
10
Vr = 100V
A
Continuous Load Current
m
140
A
Peak Forward Current
m
500
T = 10us
A
rev 1.0
Solid State Optronics, Inc.
1.888.377.4776
www.ssousa.com



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com