Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29F040C Datasheet(PDF) 21 Page - Macronix International

Part # MX29F040C
Description  4M-BIT [512K x 8] CMOS SINGLE VOLTAGE 5V ONLY EQUAL SECTOR FLASH MEMORY
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29F040C Datasheet(HTML) 21 Page - Macronix International

Back Button MX29F040C Datasheet HTML 17Page - Macronix International MX29F040C Datasheet HTML 18Page - Macronix International MX29F040C Datasheet HTML 19Page - Macronix International MX29F040C Datasheet HTML 20Page - Macronix International MX29F040C Datasheet HTML 21Page - Macronix International MX29F040C Datasheet HTML 22Page - Macronix International MX29F040C Datasheet HTML 23Page - Macronix International MX29F040C Datasheet HTML 24Page - Macronix International MX29F040C Datasheet HTML 25Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
P/N:PM1201
REV. 1.0, DEC. 20, 2005
MX29F040C
All data in chip are erased. External erase verification is
not required because data is erased automatically by
internal control circuit. Erasure completion can be veri-
fied by Data# Polling and toggle bit checking after
automatic erase starts. Device outputs 0 during erasure
and 1 after erasure on Q7.(Q6 is for toggle bit; see toggle
bit, Data# Polling, timing waveform)
AUTOMATIC CHIP ERASE TIMING WAVEFORM
AUTOMATIC CHIP ERASE TIMING WAVEFORM
tCWC
tAS
tCEP
tDS tDH
VCC 5V
CE#
OE#
Q0,Q1,
Q4(Note 1)
WE#
A11~A18
tCEPH
tAH
Q7
Command In
A0~A10
Command In
Command In
Command In
Command In
Command In
tAETC
Data# Polling
2AAH
555H
555H
Command #AAH
Command #55H
Command #80H
(Q0~Q7)
Note :
(1). Q6:Toggle bit, Q5:Timing-limit bit, Q3: Time-out bit, Q2: Toggle bit
555H
2AAH
555H
Command In
Command In
Command #AAH
Command In
Command In
Command #55H
Command In
Command In
Command #10H



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com