Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TCA2002 Datasheet(PDF) 12 Page - Tripath Technology Inc.

Part # TCA2002
Description  STEREO CLASS-T??AUDIO CONTROLLER USING DIGITAL POWER PROCESSING (DPP?? TECHNOLOGY
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPATH [Tripath Technology Inc.]
Direct Link  http://www.etelos.com/
Logo TRIPATH - Tripath Technology Inc.

TCA2002 Datasheet(HTML) 12 Page - Tripath Technology Inc.

Back Button TCA2002 Datasheet HTML 8Page - Tripath Technology Inc. TCA2002 Datasheet HTML 9Page - Tripath Technology Inc. TCA2002 Datasheet HTML 10Page - Tripath Technology Inc. TCA2002 Datasheet HTML 11Page - Tripath Technology Inc. TCA2002 Datasheet HTML 12Page - Tripath Technology Inc. TCA2002 Datasheet HTML 13Page - Tripath Technology Inc. TCA2002 Datasheet HTML 14Page - Tripath Technology Inc. TCA2002 Datasheet HTML 15Page - Tripath Technology Inc. TCA2002 Datasheet HTML 16Page - Tripath Technology Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
Tri p ath Techn o l o g y, I n c. - T echn i cal I n fo rmation
12
TCA2002 – KLi/0.95/04.06
It should be noted that only one channel of the modulator is required to create a bridged amplifier.
This is done by reversing the Y1 and Y1B connections to the second FET driver. This creates an out
of phase signal at HB OUTN with respect to HB OUTP.
A bridged amplifier has the advantage of potentially 4 times the output power for a given supply rail.
But the disadvantage is that the required number of FET drivers and MOSFETs per channel
increases by a factor of two.
The modulator feedback resistors are:
Ω
=
1K
typically
specified,
User
RFBA
2)
-
(VPP
VPP
*
R
R
FBA
FBB
=
2
VPP
*
R
R
FBA
FBC
=
1
R
*
R
)
R
(R
*
R
A
FBB
FBA
FBB
FBA
FBC
MODULATOR
-
V
+
+
≈
The above equations assume that VPP=|VNN|.
For example, in a system with a SPLIT-SUPPLY, BRIDGED OUTPUT amplifier of VPPMAX=60V and
VNNMAX=-60V,
RFBA = 1kΩ, 1%
RFBB = 1.071kΩ, use 1.07kΩ, 1%
RFBC = 15.0kΩ, use 15.0kΩ, 1%
The resultant modulator gain is:
30.02V/V
1
1.07k Ω
*
1.0k Ω
)
1.07k
(1.0k Ω
*
15.0k Ω
MODULATOR
-
AV
=
+
Ω
+
≈
For SINGLE-SUPPLY, BRIDGED OUTPUT operation:
Figure 5: Single Supply, Bridged Output (One Channel)
FET Driver
TCA2002
MOSFETS
Y1
Y1B
HIN1
LIN1
VPP
FBKN1
FBKP1
HB OUTP
R
FBB
V5
R
FBA R
FBC
R
FBB
V5
R
FBA R
FBC
HS OUT1
LS OUT1
HS GATE1
LS GATE1
HS OUT2
LS OUT2
HS GATE2
LS GATE2 HB OUTN
HIN2
LIN2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com