Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCS3AT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MCS3AT
Description  3-element colour sensor - TO5
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MCS3AT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MCS3AT Datasheet HTML 1Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 2Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 3Page - List of Unclassifed Manufacturers MCS3AT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
DATA-SHEET
MCS3AT/BT
3-element colour sensor – TO5
FUNCTION
The colour sensors are made of 3 Si-PIN photo diodes integrated on chip. They are carried
out as segments of a ring with the diameter of 2,0 mm. The design as Si-PIN photo diodes
allows signal frequencies up to MHz-range. In order to achieve a small cross talk between
the photodiodes the individual sectors were separated from each other by additional
structures. Each of these photodiodes is sensitised with dielectric spectral filter for its
colour range, preferably for the primary colours red, green and blue.
APPLICATION
Quality control
Monitoring the production
Control of manufacturing
Detection of colour marks
FEATURES
Dielectric filters guaranties the good optical properties
of the colour sensors, such as:
high transmission
slight aging of the filter
high temperature stability
high signal frequency
reduced cross talk
small size (diameter of the optical sensitive surface
ca. 2 mm)
CONSTRUCTION
3 on chip integrated PIN photo diodes
different package versions
dielectric filters for the three colour ranges: red, green and blue
(TO5, with/without IR-blocked)
Electrical connections
three anodes
one common cathode
Distributor: Laser Components
Instrument Group, Wilmington MA, Phone: 978 658 9100, www.laser-components.com


Similar Part No. - MCS3AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MCS3AO ETC1-MCS3AO Datasheet
176Kb / 4P
3-element colour sensor - TO5 with optics
MCS3AS ETC2-MCS3AS Datasheet
169Kb / 7P
3-element colour sensor - SMD/SO8
More results

Similar Description - MCS3AT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HML1213 ETC-HML1213 Datasheet
187Kb / 12P
L2160 ELEMENT LINEARIMAGE SENSOR
MCS3AO ETC1-MCS3AO Datasheet
176Kb / 4P
3-element colour sensor - TO5 with optics
MCS3AS ETC2-MCS3AS Datasheet
169Kb / 7P
3-element colour sensor - SMD/SO8
MCSI ETC2-MCSI Datasheet
218Kb / 4P
Integral 3-Element Colour Sensor
logo
Fairchild Semiconductor
CCD191 FAIRCHILD-CCD191 Datasheet
522Kb / 8P
6000 Element Linear Image Sensor
logo
Bedford Opto Technology...
BG1500 BOT-BG1500 Datasheet
36Kb / 2P
LED BARGRAPH TRI-COLOUR 5 ELEMENT
logo
Dialight Corporation
C-17855 DIALIGHT-C-17855 Datasheet
84Kb / 1P
3 ELEMENT LIGHTPIPE
C-17892 DIALIGHT-C-17892 Datasheet
175Kb / 1P
3 ELEMENT LIGHTPIPE
logo
OSRAM GmbH
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
logo
List of Unclassifed Man...
CCD134 ETC-CCD134 Datasheet
450Kb / 8P
1024-Element Linear Image Sensor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com