Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8656A Datasheet(PDF) 4 Page - Holtek Semiconductor Inc

Part # HT8656A
Description  Talking Back
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8656A Datasheet(HTML) 4 Page - Holtek Semiconductor Inc

  HT8656A Datasheet HTML 1Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 2Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 3Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 4Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 5Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 6Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 7Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 8Page - Holtek Semiconductor Inc HT8656A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Pin Description
Pin No.
Pin Name
I/O
Internal
Connection
Description
1, 2
A6, A7
O
CMOS
DRAM address output
3~8
A5~A0
O
CMOS
DRAM address output
9
RASB
O
CMOS
DRAM row address strobe
10
WRB
O
CMOS
DRAM write enable
11
DATA
I/O
CMOS
DRAM data input/output
12
A8
O
CMOS
DRAM address output
13
CASB
O
CMOS
DRAM column address strobe
14
OSC2
O
—
Oscillator output
15
OSC1
I
—
Oscillator input
16
LEDB
O
NMOS
Open Drain
LED indicator:
Idle: LED is turned on
Record: LED flashes
Play: LED is turned off
17
START
O
NMOS
Open Drain
System start pin
18
MOTOR
O
CMOS
Motor drive output (active high) when playing back
19
VSS
I
—
Negative power supply (GND)
20
BIAS
I
—
For internal AMP bias de-coupling
21
AIN1
I
—
Internal AMP first stage input (inverted)
22
AO1
O
—
Internal AMP first stage output
23
AIN2
I
—
Internal AMP second stage input (inverted)
24
IOUT
(8656A)
O
—
Voltage type audio output for an external power AMP
24
IOUT
(8656B)
O
—
Current type audio output for an external transistor
25
VDD
I
—
Positive power supply
26
TESTB
I
Pull-High
For IC test only
27
16KB
I
Pull-High
32Kbps/16Kbps sampling rate selection:
Open/high: 32Kbps
Low: 16Kbps
28
MS
I
Pull-High
64K/256K DRAM size selection:
Open/high: 64K
Low: 256K
HT8656
4
5th May ’98



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com