Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT8665 Datasheet(PDF) 6 Page - Holtek Semiconductor Inc

Part # HT8665
Description  Talking Back with Echo
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT8665 Datasheet(HTML) 6 Page - Holtek Semiconductor Inc

Back Button HT8665 Datasheet HTML 2Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 3Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 4Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 5Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 6Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 7Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 8Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 9Page - Holtek Semiconductor Inc HT8665 Datasheet HTML 10Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Functional Description
The HT8665 is a single chip LSI with an exter-
nal DRAM. It is designed for applications on
talking back with an echo effect. The recording
length of the IC is decided by the data rate
along with the size of an external memory.
Sounds input from an external microphone are
coded through an internal ADM algorithm and
saved in an external memory until the memory
is full or an interval of silence lasts over 0.5
seconds. Once recording is terminated, the IC
will play back the recorded sounds with an echo
effect automatically.
Record function
The HT8665 provides 2 kinds of sampling rate
as well as DRAM interfaces. The sampling rate
(S.R.) along with DRAM determine the record-
ing capacity as shown in the following table: (for
FOSC=640 KHz)
MS (DRAM)
16KB (S.R.)
Recording
Capacity
1 (64Kb)
1 (32K bps)
2 seconds
1 (64Kb)
0 (16K bps)
4 seconds
0 (256Kb)
1 (32K bps)
8 seconds
0 (256Kb)
0 (16K bps)
16 seconds
Notes: “1” is connected to VDD or left open.
“0” is connected to VSS.
Recording starts whenever a sound input is
detected. It then stops once silence is detected
or the recording capacity is full. After that, talk-
ing back comes into play.
Play function
The HT8665 stops to play back the recorded
sounds when an interval of silence lasts 0.5
seconds or the memory is full during recording.
Its playing rate is the same as the rates of
recording and echo effect. The echo delay time
is settable by the DS pin as shown.
DS
DRAM
10
64Kb
256ms
128ms
256Kb
512ms
256ms
Power control
The HT8665 provides a START pin for power
control. The START pin is of high impedance
and switch Q is turned off at initial. After the
START key is triggered, it will output a high
level signal and switch Q is turned on. This pin
outputs a low level signal and the power of LSI
is switched off when a REC/PLAY cycle has
been implemented 64 times or an interval of
silence lasts over 2 minutes.
Motor
The HT8665 provides a motor driving pin. The
motor is turned on during playing but off once
talking back is terminated.
Status display
The HT8665 provides an LEDB pin to display
its operation status.An external LED is
switched on when the IC is in the standby state.
It, on the other hand, is switched off when the
IC is in the playing state. The LED will flash
with the sound volume when the IC is in the
recording state, but its intensity will vary in-
versely with the volume.
DRAM
Step Size
Estimation
x
Accumulator
D/A
Delay
+
VDD
START
VSS
Q
HT8665
6
21st Dec ’95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com