Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FLL400IP-2 Datasheet(PDF) 2 Page - Eudyna Devices Inc

Part # FLL400IP-2
Description  L-Band Medium & High Power GaAs FET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EUDYNA [Eudyna Devices Inc]
Direct Link  http://www.sei-device.com/index.asp
Logo EUDYNA - Eudyna Devices Inc

FLL400IP-2 Datasheet(HTML) 2 Page - Eudyna Devices Inc

  FLL400IP-2 Datasheet HTML 1Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 2Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 3Page - Eudyna Devices Inc FLL400IP-2 Datasheet HTML 4Page - Eudyna Devices Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
VDS = 12V
IDS = 2A
f = 1.96GHz
VDS = 12V
IDS = 2A
19
21
23
25
27
29
31
35
33
37
33
34
35
32
31
30
36
37
38
39
40
41
42
43
45
46
10
0
20
30
40
50
44
33
34
35
32
31
30
36
37
38
39
40
41
42
43
45
46
47
44
Input Power (dBm)
Pout
OUTPUT POWER &
ηadd vs. INPUT POWER
1.8
1.85
1.9
1.95
2.0
Frequency (GHz)
ηadd
Pin=37dBm
30dBm
25dBm
20dBm
OUTPUT POWER vs. FREQUENCY
POWER DERATING CURVE
40
80
100
120
60
20
0
50
100
150
200
Case Temperature (
°C)
FLL400IP-2
L-Band Medium & High Power GaAs FET



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com