Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM1012 Datasheet(PDF) 4 Page - AiT Semiconductor Inc.

Part # AM1012
Description  MOSFET N-CHANNEL 1.8-V (G-S) MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AITSEMI [AiT Semiconductor Inc.]
Direct Link  https://ait-ic.com/
Logo AITSEMI - AiT Semiconductor Inc.

AM1012 Datasheet(HTML) 4 Page - AiT Semiconductor Inc.

  AM1012 Datasheet HTML 1Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 2Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 3Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 4Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 5Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 6Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 7Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 8Page - AiT Semiconductor Inc. AM1012 Datasheet HTML 9Page - AiT Semiconductor Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AiT Semiconductor Inc.
www.ait-ic.com
AM1012
MOSFET
N-CHANNEL 1.8-V (G-S) MOSFET
REV1.0
- SEP 2015 RELEASED -
- 4 -
ELECTRICAL CHARACTERISTICS
TA = 25°C Unless Otherwise Noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Static
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=250μA
0.45
-
0.9
V
Gate-Body Leakage
IGSS
VDS=0V, VGS=±4.5V
-
±0.5
±1.0
μA
Zero Gate Voltage Drain Current
IDSS
VDS=20V, VGS=0V
-
0.3
100
nA
VDS=20V, VGS=0V, TJ=85°C
-
-
5
μA
On-State Drain CurrentaNOTE3
ID(on)
VDS=5 V, VGS=4.5V
700
-
-
mA
Drain-Source On-State
ResistanceaNOTE3
rDS(on)
VGS=4.5V, ID=600mA
-
0.41
0.70
Ω
VGS=2.5V, ID=500mA
-
0.53
0.85
VGS=1.8V, ID=350mA
-
0.70
1.25
Forward TransconductanceNOTE3
gfs
VDS=10V, ID=400mA
-
1.0
-
S
Diode Forward VoltageNOTE3
VSD
IS=150mA,VGS=0V
-
0.8
1.2
V
Dynamic NOTE4
Total Gate Charge
Qg
VDS=10V, VGS=4.5V,
ID=250mA
-
750
-
pC
Gate-Source Charge
Qgs
-
75
-
Gate-Drain Charge
Qgd
-
225
-
Turn-on Delay Time
td(ON)
VDD=10V, RL=47Ω,
ID≅200mA, VGEN=4.5V,
RG=10Ω
-
5
-
ns
Rise Time
tr
-
5
-
Turn-off Delay Time
td(OFF)
-
25
-
Fall Time
tf
-
11
-
NOTE3: Pulse test: pulse width ≤300us, duty cycle≤ 2%
NOTE4: Guaranteed by design, not subject to production testing.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com