Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT82M32B Datasheet(PDF) 3 Page - Holtek Semiconductor Inc

Part # HT82M32B
Description  3/5-Key 3D PS/2 Optical Mouse Controller
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT82M32B Datasheet(HTML) 3 Page - Holtek Semiconductor Inc

  HT82M32B Datasheet HTML 1Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 2Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 3Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 4Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 5Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 6Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 7Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 8Page - Holtek Semiconductor Inc HT82M32B Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
A.C. Characteristics
Ta=25
°C
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDD
Conditions
tWDTOSC
Watchdog Oscillator Period
5V
¾
32
65
130
ms
tWDT1
Watchdog Time-out Period
5V
Without WDT prescaler
8
17
33
ms
tRES
External Reset Low Pulse Width
¾¾
1
¾¾
ms
HT82M32A/HT82M32B
Rev. 1.00
3
January 24, 2006
Functional Description
PS/2 Mouse
· PS/2 status byte
Byte 1
bit
7: Reserved
6: 0=Stream Mode, 1=Remote Mode
5: 0=Disabled, 1=Enabled
4: 0=Scaling 1:1, 1=Scaling 2:1
3: 1=Wrap Mode, 0=Stream or Remote
(different from IBM specs.)
2: 1=Left Button Pressed
1: 1=Middle Button Pressed
0: 1=Right Button Pressed
Byte 2
Bit 0~7 current resolution setting
(Bit 0=LSB)
Byte 3
Bit 0~7 current sampling rate (Bit 0=LSB)
· Standard PS/2 data format
Bit No.
76543210
1st word
YV
XV
YS
XS
1
MB RO
LB
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
· Data format for 3D PS/2
Bit No.
76543210
1st word
YV
XV
YS
XS
1
MB RO
LB
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
4th word
Z7
Z6
Z5
Z4
Z3
Z2
Z1
Z0
The x/y data report is 9-bit 2
¢s complement
The z data report is 8-bit 2
¢s complement
· Data format for 5-button Wheel Mouse
Bit No.
76543210
1st word
0
0
YS
XS
1
MB RO
LB
2nd word
X7
X6
X5
X4
X3
X2
X1
X0
3rd word
Y7
Y6
Y5
Y4
Y3
Y2
Y1
Y0
4th word
0
0
RB1 RB0 Z3
Z2
Z1
Z0
X- movement towards the right is positive, moving to-
wards the left is negative
Y- upward movement is positive, moving down is nega-
tive
Z- rolling towards the user is positive, else negative
Button status: 1=pressed, 0=released
· Mouse mode changes between Standard and 3D
PS/2 mode
Sending the commands in the following sequence will
set the mouse to 3D PS/2 mode.
Command
Response From Mouse
F3h
FAh
C8h
FAh
F3h
FAh
64h
FAh
F3h
FAh
50h
FAh
F2h
FAh, 03h
· Mouse mode changes between Standard and Win2K
PS/2 mode.
Sending the commands in the following sequence will
set the mouse to Win2K PS/2 mode.
Command
Response From Mouse
F3h
FAh
C8h
FAh
F3h
FAh
C8h
FAh
F3h
FAh
50h
FAh
F2h
FAh, 04h
¨ Any time the PC sends a reset
²FFh² command to
the mouse, it will reset the mouse to Standard PS/2
mode.
¨ After power-on reset is initiated, the mouse is set to
Standard PS/2 mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com