Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT93LC86 Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT93LC86
Description  CMOS 16K 3-Wire Serial EEPROM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT93LC86 Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT93LC86 Datasheet HTML 1Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 2Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 3Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 4Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 5Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 6Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 7Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 8Page - Holtek Semiconductor Inc HT93LC86 Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
HT93LC86
CMOS 16K 3-Wire Serial EEPROM
Block Diagram
Pin Assignment
Rev. 1.00
1
March 16, 2006
Features
· Operating voltage: 2.2V~5.5V
· Low power consumption
- Operating: 5mA max.
- Standby: 10mA max.
· User selectable internal organization
- 16K: 2048´8 or 1024´16
· 3-wire Serial Interface
· Write cycle time: 5ms max.
· Automatic erase-before-write operation
· Word/chip erase and write operation
· Write operation with built-in timer
· Software controlled write protection
· 40-year data retention
· 106 rewrite cycles per word
· Commercial temperature range (0°Cto+70°C)
· 8-pin DIP/SOP/TSSOP package
General Description
The HT93LC86 is a 16K-bit low voltage nonvolatile, serial
electrically erasable programmable read only memory de-
vice using a CMOS floating gate process. Its 16384 bits of
memory are organised into 1024 words of 16 bits each
when the ORG pin is connected to VCC or organised into
2048 words of 8 bits each when it is tied to VSS. The de-
vice is especially suitable for use in many industrial and
commercial applications where low power and low voltage
operation are essential. The device can easily interface to
microcontrollers using the versatile serial interface com-
pose of (CS), serial clock (SK), data input (DI) and data
output (DO).
M e m o r y C e l l
A r r a y
1 6 K : ( 2 0 4 8 ´ 8 o r 1 0 2 4 ´ 1 6 )
C o n t r o l
L o g i c
a n d
C l o c k
G e n e r a t o r
D a t a
R e g i s t e r
A d d r e s s
R e g i s t e r
C S
S K
D I
V C C
V S S
D O
A d d r e s s
D e c o d e r
O u t p u t
B u f f e r
O R G
1
2
3
4
8
7
6
5
V C C
N C
O R G
V S S
C S
S K
D I
D O
V C C
N C
O R G
V S S
C S
S K
D I
D O
1
2
3
4
8
7
6
5
H T 9 3 L C 8 6
8 D I P - A / S O P - A / T S S O P - A
H T 9 3 L C 8 6
8 S O P - B


Similar Part No. - HT93LC86

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
More results

Similar Description - HT93LC86

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A Datasheet
156Kb / 13P
16K / 32K / 64KBIT SERIAL CMOS EEPROM
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16 Datasheet
171Kb / 11P
CMOS 16K 2-Wire Serial EEPROM
November 25, 2003
logo
Asahi Kasei Microsystem...
AK93C85A AKM-AK93C85A_04 Datasheet
118Kb / 13P
16K / 32K / 64Kbit Serial CMOS EEPROM
logo
Sanyo Semicon Device
LE24L162 SANYO-LE24L162 Datasheet
194Kb / 11P
CMOS IC Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT93LC86 HOLTEK-HT93LC86_09 Datasheet
103Kb / 12P
CMOS 16K 3-Wire Serial EEPROM
July 10, 2009
logo
Sanyo Semicon Device
LE24C162M SANYO-LE24C162M Datasheet
126Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE24LA162CB SANYO-LE24LA162CB Datasheet
121Kb / 10P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE24162LBXA SANYO-LE24162LBXA Datasheet
811Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
LE2416RLBXA SANYO-LE2416RLBXA Datasheet
872Kb / 11P
Two Wire Serial Interface EEPROM (16k EEPROM)
logo
Holtek Semiconductor In...
HT24LC16 HOLTEK-HT24LC16_14 Datasheet
2Mb / 12P
CMOS 16K 2-Wire Serial EEPROM
January 16, 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com